Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB06-600T Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # BTB06-600T
Description  Application on 4Q such as phase control and static switching.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

BTB06-600T Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  BTB06-600T Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. BTB06-600T Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. BTB06-600T Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 7
Description
Triacs is fabricated using separation diffusion processes ,the junction
termination areas are passivated with glass. This devices are suitables for
general purepose applications where gate high sensitivity is required. Application
on 4Q such as phase control and static switching.
Symbol
BTB06(F)-600T
4Q Triac
Ordering Information
Part No.
Package
Packing
TO-220
50pcs / Tube
Jul,2015-REV.00
www.sddydz.com
Features
BTB06-600T
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
600
Repetitive Peak Off State Voltage
BT06(F)-600T
VDRM
V
RMS On-state Current (Full sine wave; Tmb≤107°C)
IT(RMS)
6
A
Non-Repetitive Peak. On-State Current (Full sine
wave; Tj=25°C prior to surge)
tp = 8.3ms
tp =10 ms
ITSM
63
60
A
I2t For Fusing
t=10ms
I2t
18
A2s
Rate of Rise of On-state Current
Gate supply;IG=50mA,dIG/dt=0.2A/µs
dIT /dt
A/µs
4
A
Peak Gate Current
IGM
10
W
Peak Gate Power
PGM
Average Gate Power (Over any 20ms period)
PG(AV)
1
W
Operating Junction Temperature
Tj
110
°C
Storage Temperature
Tstg
-40~150
°C
ITO-220
50pcs / Tube
BTB06F-600T
* Very Low IGT=5mA max
* Low IH=15mA max
Repetitive
F=50Hz
10
Non
Repetitive
50


Similar Part No. - BTB06-600T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB06-600TRG STMICROELECTRONICS-BTB06-600TRG Datasheet
68Kb / 5P
   SENSITIVE GATE TRIACS
BTB06-600TW STMICROELECTRONICS-BTB06-600TW Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
logo
HAOPIN MICROELECTRONICS...
BTB06-600TW HAOPIN-BTB06-600TW Datasheet
424Kb / 5P
   Blocking voltage to 600 V
logo
STMicroelectronics
BTB06-600TWRG STMICROELECTRONICS-BTB06-600TWRG Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
BTB06-600TWRG STMICROELECTRONICS-BTB06-600TWRG Datasheet
76Kb / 7P
   6A TRIACS
More results

Similar Description - BTB06-600T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP832 TOSHIBA-TLP832_07 Datasheet
253Kb / 10P
   Electronic Equipment Such As VCRS And CD Players
TLP831 TOSHIBA-TLP831_07 Datasheet
276Kb / 8P
   Home Electronics Equipment Such As VCRS And CD Players
TLP1037A TOSHIBA-TLP1037A Datasheet
152Kb / 7P
   DOMESTIC ELECTRICAL APPLIANCES SUCH AS VTRS AND CD PLAYERS
logo
Ledil, Inc.
CA10967 LEDIL-CA10967 Datasheet
2Mb / 5P
   Beam for area and street lighting such as parks
logo
Shenzhen Huazhimei Semi...
HM25N120T HMSEMI-HM25N120T Datasheet
548Kb / 8P
   DAXIN?셲 IGBTs offer lower losses and higher energy for application such as motor drive ,UPS, inverter and other soft switching applications.
logo
Toshiba Semiconductor
TLP1032 TOSHIBA-TLP1032 Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
logo
Shenzhen Huazhimei Semi...
HM4054E HMSEMI-HM4054E Datasheet
676Kb / 6P
   Portable devices such as digital cameras and Mini stereos
HM8563 HMSEMI-HM8563 Datasheet
914Kb / 22P
   OA equipments such as Fax machines
logo
Guangdong Youtai Semico...
HT75XX UMW-HT75XX Datasheet
722Kb / 10P
   Power supply equipment such as batteries
logo
Ledil, Inc.
C11277 LEDIL-C11277 Datasheet
943Kb / 5P
   Beam for area and street lighting such as parks and pedestrian walkways
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com