Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20H200CTD Datasheet(PDF) 3 Page - DIYI Electronic Technology Co., Ltd.

Part # MBR20H200CTD
Description  20A SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBR20H200CTD Datasheet(HTML) 3 Page - DIYI Electronic Technology Co., Ltd.

  MBR20H200CTD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBR20H200CTD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBR20H200CTD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. MBR20H200CTD Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Package Outline Dimensions
3 / 4
Mar.2015-REV.00
MBR20H200CTD
MBRF20H200CTD
www.
dyelec.com


Similar Part No. - MBR20H200CTD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20H200CT VISHAY-MBR20H200CT Datasheet
66Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jun-04
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Taiwan Semiconductor Co...
MBR20H200CT TSC-MBR20H200CT Datasheet
444Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 4P
   Guarding for overvoltage protection
logo
Vishay Siliconix
MBR20H200CT VISHAY-MBR20H200CT Datasheet
125Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 27-Jul-07
More results

Similar Description - MBR20H200CTD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
DIYI Electronic Technol...
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
   20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT_15 Datasheet
369Kb / 6P
   20A SCHOTTKY BARRIER RECTIFIER
MBR2045CTP DIODES-MBR2045CTP_15 Datasheet
84Kb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
MBR20100CTP DIODES-MBR20100CTP Datasheet
73Kb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR2060C UTC-MBR2060C Datasheet
145Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com