Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R01T3 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R01T3
Description  8-Bit OTP MCU with RF Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01T3 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R01T3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Block Diagram
The following block diagram illustrates the dual-chip structure of the devices, where an individual
MCU and RF Transmitter devices are combined into a single package.
HT46R01T3/HT48R01T3
8-Bit OTP MCU with RF Transmitter
Rev. 1.30
3
November 23, 2010
T i m e r s
I / O
P o r t s
T i m e
B a s e
P F D
D r i v e r
P W M
D r i v e r
A / D
C o n v e r t e r
W a t c h d o g
T i m e r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
I n t e r n a l
O s c i l l a t o r
L o w
V o l t a g e
R e s e t
E x t e r n a l
R C / X T
O s c i l l a t o r
R F
T r a n s m i t t e r
Note: The PWM and A/D Converter functions only exist in the HT46R01T3 device.
H T 4 6 R 0 1 B
H T 4 8 R 0 1 B
R F M o d u l e
P B 1
P B 0
D I N
C R E F
P A 1 / P F D / A N 1
P A 2 / T M R 0 / A N 2
P A 3 / I N T / A N 3
P A 4 / P W M / T M R 1
P A 5 / O S C 2
P A 6 / O S C 1
V S S
P A O U T
X O U T
X I N
A V S S
E N
P A 0 / A N 0
P A 7 / R E S
V D D
A V D D
P B 1 / D O U T
Internal Chip Interconnection Diagram
Note: The PWM and AN0~AN3 shared-pin functions only exist in the HT46R01T3 device.


Similar Part No. - HT46R01T3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
More results

Similar Description - HT46R01T3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
   8-Bit Flash MCU with RF Transmitter
logo
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
BC48R2020 HOLTEK-BC48R2020 Datasheet
5Mb / 67P
   315/433MHz Remote RF TX 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
logo
Microchip Technology
PIC16C432 MICROCHIP-PIC16C432 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
2002
PIC16C432 MICROCHIP-PIC16C432_13 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
11/29/12 2000-2013
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com