Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DELTA-5A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DELTA-5A
Description  Tuned to specific frequency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DELTA-5A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DELTA-5A Datasheet HTML 1Page - List of Unclassifed Manufacturers DELTA-5A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A member of the Olancha Group Ltd
Registered in England No. 08405712
VAT Registration No. GB163 04 0349
Siretta Ltd
Basingstoke Road
Spencers Wood
Reading
Berkshire RG7 1PW
sales
fax
email
web
+44(0)118 976 9014
+44(0)118 976 9020
sales@siretta.co.uk
www.siretta.co.uk
Delta 5A
868MHz Helical Whip Antenna
Key Features
Additional Considerations
• Overmoulded,flexiblewhip
• Variousconnectoroptions
• Tunedtospecificfrequency
• Helicallywound
• RoHscompliant
• Solidperformeratcompetitiveprice
The Delta 5A is a ¼ wave helically
wound UHF omnidirectional antenna
with a centre frequency of 868MHz.
The Delta 5A has a gain of 3dBi and
is intended for volume use where a
good performer with robust features
is required but at a competitive price
point in volume.
General Description
• Rugged construction for portable equipment
• Ideal for many popular radio modules and equipment
• Optimised for use on 868MHz equipment, with 869MHz
also supported
• Maximises space for mobile environments
• Meets all EU compliance criteria for electronic goods
Rev 1.0


Similar Part No. - DELTA-5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DELTA-5 ETC2-DELTA-5 Datasheet
314Kb / 2P
   Tuned to specific frequency
More results

Similar Description - DELTA-5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DELTA-5 ETC2-DELTA-5 Datasheet
314Kb / 2P
   Tuned to specific frequency
logo
American Accurate Compo...
JXWBSJ-T-2000-4000-50D AAC-JXWBSJ-T-2000-4000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
logo
Agilent(Hewlett-Packard...
VTO-8000 HP-VTO-8000 Datasheet
918Kb / 7P
   Varactor-Tuned Oscillators
logo
American Accurate Compo...
JXWBSJ-T-500-1000-50D AAC-JXWBSJ-T-500-1000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-1000-2000-50D AAC-JXWBSJ-T-1000-2000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-4000-8000-50D AAC-JXWBSJ-T-4000-8000-50D Datasheet
61Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-8000-18000-60D AAC-JXWBSJ-T-8000-18000-60D Datasheet
60Kb / 1P
   Electrically Tuned Attenuator
logo
Silicon Laboratories
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Murata Manufacturing Co...
GQM1885C1H101JB01D MURATA-GQM1885C1H101JB01D Datasheet
1Mb / 30P
   Application Specific Capacitors High Frequency Ceramic Capacitors ??GQM Series
logo
Lite-On Technology Corp...
LTPL-C16FUVM405 LITEON-LTPL-C16FUVM405 Datasheet
660Kb / 13P
   Specific Lighting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com