Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

325541009-00 Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # 325541009-00
Description  Piezoresistive silicon micromachined sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

325541009-00 Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button 325541009-00 Datasheet HTML 7Page - TE Connectivity Ltd 325541009-00 Datasheet HTML 8Page - TE Connectivity Ltd 325541009-00 Datasheet HTML 9Page - TE Connectivity Ltd 325541009-00 Datasheet HTML 10Page - TE Connectivity Ltd 325541009-00 Datasheet HTML 11Page - TE Connectivity Ltd 325541009-00 Datasheet HTML 12Page - TE Connectivity Ltd 325541009-00 Datasheet HTML 13Page - TE Connectivity Ltd 325541009-00 Datasheet HTML 14Page - TE Connectivity Ltd 325541009-00 Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MS5541-30C
Miniature 14 bar Module
SENSOR SOLUTIONS ///MS5541C
09/2015
Page 11
Example:
Word1, Word2, Word3 and Word4 (4x16 Bit)
D1 = 17788
D2 = 26603
Start
Convert calibration data into coefficients:
(see bit pattern of Word1-Word4)
Read calibration data (factory calibrated) from
PROM of MS5541C
Read digital pressure value from MS5541C
D1
(16 Bit)
Read digital temperature value from MS5541C
Display pressure and temperature value
Basic equations:
Calculate calibration temperature
UT1=8*C5+10000
Calculate temperature compensated pressure
Difference between actual temperature and reference
temperature:
dT = D2 - UT1
Actual temperature:
TEMP = 200 + dT*(C6+100)/2
11 (0.1°C)
resolution)
Calculate actual temperature
D2
(16 Bit)
SENST1
OFFT1
TCS
TCO
Tref
TEMPSENS
C1: Pressure sensitivity
(13 Bit)
C2: Pressure offset
(13 Bit)
C3: Temperature coefficient of pressure sensitivity (10 Bit)
C4: Temperature coefficient of pressure offset
(9 Bit)
C5: Reference Temperature
(12 Bit)
C6: Temperature coefficient of the temperature
(7 Bit)
(Refer to application note AN518 for limits of coefficients and
calculated results)
Word1 = 18556
Word2 = 49183
Word3 = 22354
Word4 = 28083
C1 = 2319
C2 = 4864
C3 =
349
C4 =
219
C5 = 2002
C6 =
51
dT(D2) = D2 - Tref
TEMP(D2)=20°+dT(D2)*TEMPSENS
Offset at actual temperature:
OFF = C2 + ((C4-250)*dT)/2
12 + 10000
Sensitivity at actual temperature:
SENS = C1/2 + ((C3+200)*dT)/2
13 + 3000
Temperature compensated pressure in mbar:
P = (SENS * (D1-OFF))/2
12 + 1000
OFF(D2)=OFFT1+TCO*dT(D2)
SENS(D2)=SENST1+TCS*dT(D2)
P(D1,D2)=D1*SENS(D2)-OFF(D2)
dT
= 587
TEMP = 243
= 24.3 °C
OFF
= 14859
SENS = 4198
P
= 4001
= 4001 mbar
UT1 = 26016
Fig. 3: Flow chart for pressure and temperature reading and software compensation


Similar Part No. - 325541009-00

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
325541010-00 TEC-325541010-00 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
325541030-00 TEC-325541030-00 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
325541030-50 TEC-325541030-50 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
More results

Similar Description - 325541009-00

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS52XX TEC-MS52XX Datasheet
334Kb / 11P
   Piezoresistive silicon micromachined sensor
MS5534C TEC-MS5534C Datasheet
592Kb / 22P
   Piezoresistive silicon micromachined sensor
MS5535C TEC-MS5535C Datasheet
522Kb / 22P
   Piezoresistive silicon micromachined sensor
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com