Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

325541008-00 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 325541008-00
Description  Piezoresistive silicon micromachined sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

325541008-00 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  325541008-00 Datasheet HTML 1Page - TE Connectivity Ltd 325541008-00 Datasheet HTML 2Page - TE Connectivity Ltd 325541008-00 Datasheet HTML 3Page - TE Connectivity Ltd 325541008-00 Datasheet HTML 4Page - TE Connectivity Ltd 325541008-00 Datasheet HTML 5Page - TE Connectivity Ltd 325541008-00 Datasheet HTML 6Page - TE Connectivity Ltd 325541008-00 Datasheet HTML 7Page - TE Connectivity Ltd 325541008-00 Datasheet HTML 8Page - TE Connectivity Ltd 325541008-00 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MS5541-30C
Miniature 14 bar Module
SENSOR SOLUTIONS ///MS5541C
09/2015
Page 4
PERFORMANCE SPECIFICATIONS (CONTINUED)
PRESSURE OUTPUT CHARACTERISTICS
With the calibration data stored in the interface IC of the MS5541C, the following characteristics can be achieved:
(VDD = 3.0 V unless noted otherwise)
Parameter
Conditions
Min
Typ
Max
Unit
Notes
Resolution
1.2
mbar
1
Absolute Pressure Accuracy
(Temperature range 0 .. +40 °C)
p = 0 .. 5 bar
p = 0 .. 10 bar
p = 0 .. 14 bar
-20
-40
-100
+20
+20
+20
mbar
2
Absolute Pressure Accuracy
(Temperature range -40 .. +85 °C)
p = 0 .. 5 bar
p = 0 .. 10 bar
p = 0 .. 14 bar
-40
-60
-160
+100
+180
+200
mbar
3
Error over Temperature
(p = const. relative to 20 °C)
Ta = -40 .. +85 °C
-10
+100
mbar
Long-term Stability
6 months
20
mbar
4
Maximum Error over Supply
Voltage
VDD = 2.2 .. 3.6 V
p = const.
-16
16
mbar
NOTES
1) A stable pressure reading of the given resolution requires taking the average of 2 to 4 subsequent pressure
values due to noise of the ADC.
2) Maximum error of pressure reading over the pressure range.
3) With the second-order temperature compensation as described in Section "FUNCTION". See next section for
typical operating curves.
4) The long-term stability is measured with non-soldered devices.
TEMPERATURE OUTPUT CHARACTERISTICS
This temperature information is not required for most applications, but it is necessary to allow for temperature
compensation of the pressure output.
(VDD = 3.0 V unless noted otherwise)
Parameter
Conditions
Min
Typ
Max
Unit
Notes
Resolution
0.005
0.01
0.015
°C
Accuracy
T = 20 °C
P = 0 .. 10bar
-0.8
0.8
°C
T = -40 .. + 85°C
-2
+6
°C
1
Maximum Error over Supply
Voltage
VDD = 2.2 .. 3.6 V
-0.2
+0.2
°C
2
NOTES
1) With the second-order temperature compensation as described in Section "FUNCTION". See next section for
typical operating curves.
2) At Ta = 25 °C.


Similar Part No. - 325541008-00

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
325541010-00 TEC-325541010-00 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
325541030-00 TEC-325541030-00 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
325541030-50 TEC-325541030-50 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
More results

Similar Description - 325541008-00

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS52XX TEC-MS52XX Datasheet
334Kb / 11P
   Piezoresistive silicon micromachined sensor
MS5534C TEC-MS5534C Datasheet
592Kb / 22P
   Piezoresistive silicon micromachined sensor
MS5535C TEC-MS5535C Datasheet
522Kb / 22P
   Piezoresistive silicon micromachined sensor
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com