Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

325541008-50 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # 325541008-50
Description  Piezoresistive silicon micromachined sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

325541008-50 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button 325541008-50 Datasheet HTML 4Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 5Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 6Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 7Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 8Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 9Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 10Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 11Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MS5541-30C
Miniature 14 bar Module
SENSOR SOLUTIONS ///MS5541C
09/2015
Page 8
Temperature Error Accuracy vs temperature (typical)
-5
0
5
10
15
-40
-20
0
20
40
60
80
Temperature (°C)
Temperature error (standard
calculation)
Temperature error (with 2nd
order calculation)
Pressure Error Accuracy vs temperature (typical)
-50
-25
0
25
50
75
100
-40
-20
0
20
40
60
80
Temperature (°C)
Pres. error 4bar (1st order)
Pres. error 4bar (2nd order)


Similar Part No. - 325541008-50

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
325541010-00 TEC-325541010-00 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
325541030-00 TEC-325541030-00 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
325541030-50 TEC-325541030-50 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
More results

Similar Description - 325541008-50

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS52XX TEC-MS52XX Datasheet
334Kb / 11P
   Piezoresistive silicon micromachined sensor
MS5534C TEC-MS5534C Datasheet
592Kb / 22P
   Piezoresistive silicon micromachined sensor
MS5535C TEC-MS5535C Datasheet
522Kb / 22P
   Piezoresistive silicon micromachined sensor
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com