Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJAB25N03 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJAB25N03
Description  N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJAB25N03 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJAB25N03 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAB25N03 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAB25N03 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAB25N03 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAB25N03 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDFN
WB3.3×3.3-8L
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
PDFN
WB3.3×3.3-8L Plastic-Encapsulate MOSFETS
CJAB25N03
N-Channel Power MOSFET
DESCRIPTION
The CJAB25N03 uses advanced trench technology and design to
provide excellent RDS(ON) with low gate charge. It can be used in a
wide variety of applications
FEATURES
Battery switch
Load switch
High density cell design for ultra low RDS(ON)
Fully characterized avalanche voltage and
current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
Special process technology for high ESD
capability
APPLICATIONS
SMPS and general purpose applications
Hard switched and high frequency circuits
Uninterruptible Power Supply
MARKING
EQUIVALENT CIRCUIT
CJAB25N03 = Part No.
Solid dot=Pin1 indicator
XXX=Date Code
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
25
A
Pulsed Drain Current
IDM
100
A
Single Pulsed Avalanche Energy
EAS
(1)
70
mJ
Power Dissipation
PD
1.5
W
Thermal Resistance from Junction to Ambient
RθJA
83.3
℃/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 ~+150
Lead Temperature for Soldering Purposes(1/8’’ from case for 10s)
TL
260
(1).EAS condition: VDD=15V,L=0.14mH, RG=25Ω, Starting TJ = 25°C
(2).
Mounted on a glass epoxy board of 25.4 mm x 25.4 mm x 0.8 mmt
G
1
2
3
4
5
6
7
8
S
S
S
D
D
D
D
V(BR)DSS
RDS(on)MAX
ID
30 V
 
10mΩ@10V 
25A
14mΩ@4.5V 
www.cj-elec.com
1
A-5,Mar,2016


Similar Part No. - CJAB25N03

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJAB35N03 JIANGSU-CJAB35N03 Datasheet
2Mb / 5P
   N-Channel Power MOSFET
More results

Similar Description - CJAB25N03

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com