Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10200CKD Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # MBR10200CKD
Description  SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBR10200CKD Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  MBR10200CKD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBR10200CKD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBR10200CKD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
MB
R1040CKD~MBR10200CKD
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-
0.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS
TO-262(I2PAK)SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MECHANCALDATA
• Case:
I2PAK Molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
A RAME TE RP
Maxi mum Recurrent P eak Reverse Voltage
@IR=100uA
V
M
R
R
0
45
40
50
60
80
90
0
10
5
10
0
2V
e
g
a
tl
o
V
S
M
R
m
u
m
i
x
a
M
V
S
M
R
8
25
.
1
35
32
46
53
60
75
0
10
4
1V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
C
D
0
45
40
50
60
80
90
0
10
5
10
0
2V
)
1
e
r
u
g
i
F
e
e
S
(
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
I
)
V
A
(
F
0
1A
e
v
a
w
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
g
e
l
r
e
p
A
0
.
5
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V
F
0
7
.
0
T
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
J
0
0
1
=
O C
I
R
0.
05
0
2
A
m
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
Te
Rθ
C
J
0
.
3
O
/
C
W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
T
J ,TS T G
-
55 to +175
O C
VOLTAGE
40 to 200 Volts
CURRENT
10 Amperes
FEATURES
SYMBOL
MBR
1040CKD
MBR
1045CKD
MBR
1050CKD
MBR
1060CKD
MBR
1080CKD
MBR
1090CKD
MBR
10100CKD
MBR
10150CKD
MBR
10200CKD
UNITS
0.80
0.85
0.92
V
DEC.2014-REV.00
100
110
A
0.
02
2 0
www.
dyelec.com


Similar Part No. - MBR10200CKD

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBR10200CK MOSPEC-MBR10200CK Datasheet
153Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - MBR10200CKD

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MBR1040CGD DYELEC-MBR1040CGD Datasheet
942Kb / 3P
   SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
MBR2040CGD DYELEC-MBR2040CGD Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
logo
Dongguan Pingjingsemi T...
SS32BF-PJ PJSEMI-SS32BF-PJ Datasheet
885Kb / 3P
   SCHOTTKYBARRIER RECTIFIERS
logo
Transys Electronics
SB320D TRSYS-SB320D Datasheet
166Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKYBARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com