Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30-F212PMA075M701-L889A70 Datasheet(PDF) 8 Page - Vincotech

Part # 30-F212PMA075M701-L889A70
Description  Open emitter configuration
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

30-F212PMA075M701-L889A70 Datasheet(HTML) 8 Page - Vincotech

  30-F212PMA075M701-L889A70 Datasheet HTML 1Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 2Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 3Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 4Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 5Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 6Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 7Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 8Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 9Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
30-F212PMA075M701-L889A70
target datasheet
19 Oct. 2016 / Revision 1
8
Copyright Vincotech
Thermistor
100 A
Inverter Diode
Brake Switch
25 A
Brake Diode
10 A
FWD
1200 V
Brake Sw. Protec tion Diode
Thermistor
1200 V
ID
D27
Rt
FWD
IGBT
Component
D47
FWD
T27
IGBT
D31-D36
T11-T16
1200 V
50 A
1200 V
D11-D16
FWD
Pinout
Inverter Switch
Identification
Comment
1600 V
Voltage
Current
Function
1200 V
75 A
Rectifier Diode
75 A


Similar Part No. - 30-F212PMA075M701-L889A70

ManufacturerPart #DatasheetDescription
logo
Vincotech
30-F212PMA100M701-L880A70 VINCOTECH-30-F212PMA100M701-L880A70 Datasheet
2Mb / 35P
   Compact and low inductive design
More results

Similar Description - 30-F212PMA075M701-L889A70

ManufacturerPart #DatasheetDescription
logo
Vincotech
20-1B12IPA015SC-L579F09 VINCOTECH-20-1B12IPA015SC-L579F09 Datasheet
1Mb / 11P
   Open Emitter or Emitter Shunt
20-1B12IPA008SC-L239C09 VINCOTECH-20-1B12IPA008SC-L239C09 Datasheet
752Kb / 9P
   Open Emitter or Emitter Shunt
10-0B066PA006SB-M992F09 VINCOTECH-10-0B066PA006SB-M992F09 Datasheet
1Mb / 17P
   Open emitter topology
10-0B066PA030SB-M996F09 VINCOTECH-10-0B066PA030SB-M996F09 Datasheet
1Mb / 17P
   Open emitter topology
logo
International Rectifier
IRAM136-1060A IRF-IRAM136-1060A Datasheet
259Kb / 17P
   10A, 600Vwith Open Emitter Pins
IRAM136-0760A2 IRF-IRAM136-0760A2 Datasheet
258Kb / 17P
   5A, 600V with Open Emitter Pins
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
240Kb / 17P
   20A, 600V with open Emitter Pins
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
logo
Texas Instruments
DLPR910 TI1-DLPR910 Datasheet
250Kb / 16P
[Old version datasheet]   Configuration PROM
logo
List of Unclassifed Man...
E02068 ETC2-E02068 Datasheet
22Kb / 1P
   Bezeichnung Configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com