Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

144SB010D-PCB Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # 144SB010D-PCB
Description  Signal conditioned precision pressure transducers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

144SB010D-PCB Datasheet(HTML) 4 Page - Sensortechnics GmbH

  144SB010D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 144SB010D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 144SB010D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 144SB010D-PCB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
144S...-PCB Series
Signal conditioned precision pressure transducers
4/4
E / 11005 / A
www.first-sensor.com
www.sensortechnics.com
ORDERING INFORMATION
e
r
u
s
s
e
r
P
g
n
i
t
a
r
e
p
Or
e
b
m
u
N
t
r
a
P
s
e
c
i
v
e
d
e
g
a
g
/
l
a
i
t
n
e
r
e
f
f
i
D
r
a
b
m
0
7
.
.
.
0B
C
P
-
D
0
7
0
M
S
4
4
1
r
a
b
m
0
5
3
.
.
.
0B
C
P
-
D
0
5
3
M
S
4
4
1
r
a
b
1
.
.
.
0B
C
P
-
D
1
0
0
B
S
4
4
1
r
a
b
2
.
.
.
0B
C
P
-
D
2
0
0
B
S
4
4
1
r
a
b
5
.
.
.
0B
C
P
-
D
5
0
0
B
S
4
4
1
r
a
b
0
1
.
.
.
0B
C
P
-
D
0
1
0
B
S
4
4
1
s
e
c
i
v
e
d
e
t
u
l
o
s
b
A
r
a
b
1
.
.
.
0B
C
P
-
A
1
0
0
B
S
4
4
1
r
a
b
2
.
.
.
0B
C
P
-
A
2
0
0
B
S
4
4
1
r
a
b
5
.
.
.
0B
C
P
-
A
5
0
0
B
S
4
4
1
s
e
c
i
v
e
d
e
g
a
g
/
l
a
i
t
n
e
r
e
f
f
i
D
i
s
p
1
.
.
.
0B
C
P
-
D
1
0
U
S
4
4
1
i
s
p
5
.
.
.
0B
C
P
-
D
5
0
U
S
4
4
1
i
s
p
5
1
.
.
.
0B
C
P
-
D
5
1
U
S
4
4
1
i
s
p
0
3
.
.
.
0B
C
P
-
D
0
3
U
S
4
4
1
i
s
p
0
0
1
.
.
.
0B
C
P
-
D
0
0
1
U
S
4
4
1
i
s
p
0
5
1
.
.
.
0B
C
P
-
D
0
5
1
U
S
4
4
1
s
e
c
i
v
e
d
e
t
u
l
o
s
b
A
i
s
p
5
1
.
.
.
0B
C
P
-
A
5
1
U
S
4
4
1
i
s
p
0
3
.
.
.
0B
C
P
-
A
0
3
U
S
4
4
1
i
s
p
0
0
1
.
.
.
0B
C
P
-
A
0
0
1
U
S
4
4
1
s
e
c
i
v
e
d
c
i
r
t
e
m
o
r
a
B
a
i
s
p
6
1
.
.
.
2
1O
R
A
B
6
1
2
1
C
S
4
4
1
r
a
b
m
0
0
1
1
.
.
.
0
0
8O
R
A
B
1
1
8
0
C
S
4
4
1
Other pressure ranges and calibrations are available on request. Please contact First Sensor.
OUTLINE DRAWING
mass: 20 g
dimensions mm
32.0
3.5 diam.
2 x mounting holes
Port A
3
30.0
offset
adjust
Port B
high pressure port
2
+Vs
-Vs
Vout
3 terminals
0.56 diam.
14.0
9.1
NOM 6.0
12.6
span
adjust
First Sensor reserves the right to make changes to any products herein. First Sensor does not assume any liability arising out of the application
or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.


Similar Part No. - 144SB010D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SB010D-PCB SENSORTECHNICS-144SB010D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
144SB010D-PCB SENSORTECHNICS-144SB010D-PCB Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
More results

Similar Description - 144SB010D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com