Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCLA0025B Datasheet(PDF) 11 Page - Sensortechnics GmbH

Part # HCLA0025B
Description  Miniature amplified low pressure sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCLA0025B Datasheet(HTML) 11 Page - Sensortechnics GmbH

Back Button HCLA0025B Datasheet HTML 7Page - Sensortechnics GmbH HCLA0025B Datasheet HTML 8Page - Sensortechnics GmbH HCLA0025B Datasheet HTML 9Page - Sensortechnics GmbH HCLA0025B Datasheet HTML 10Page - Sensortechnics GmbH HCLA0025B Datasheet HTML 11Page - Sensortechnics GmbH HCLA0025B Datasheet HTML 12Page - Sensortechnics GmbH HCLA0025B Datasheet HTML 13Page - Sensortechnics GmbH HCLA0025B Datasheet HTML 14Page - Sensortechnics GmbH HCLA0025B Datasheet HTML 15Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
HCLA Series
Miniature amplified low pressure sensors
11/15
E / 11629 / F
www.first-sensor.com
www.sensortechnics.com
PHYSICAL DIMENSIONS AND ELECTRICAL CONNECTIONS (cont.)
HCLA...H...
SMD single port
HCLA...G...
SIL single port
dimensions in mm
n
i
P
n
o
i
t
c
e
n
n
o
C
1s
V
+
2D
N
G
3t
u
o
V
4*
C
/
I
5L
C
S
6
*
C
/
I
7
8A
D
S
dimensions in mm
first angle projection
first angle projection
* Internal connection.
Do not connect
for any reason
n
i
P
n
o
i
t
c
e
n
n
o
C
1s
V
+
2D
N
G
3t
u
o
V
4*
C
/
I
* Internal connection.
Do not connect
for any reason
1.00
12.70
2.54
7.62
2.54
4.06
6.76
2.00
0.46
15.90
14.90
11.90
3.65
Label
8
7
6
5
1
2
3
4
High pressure
port
12.70
0.46
2.54
7.62
2.54
1.00
1.57
0.25
2.00
15.90
14.90
11.90
3.65
Label
1 2
3
4
High pressure
port


Similar Part No. - HCLA0025B

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCLA0025DB SENSORTECHNICS-HCLA0025DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
HCLA0025DU SENSORTECHNICS-HCLA0025DU Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
HCLA0025EB SENSORTECHNICS-HCLA0025EB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
HCLA0025EU SENSORTECHNICS-HCLA0025EU Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
HCLA0025GB SENSORTECHNICS-HCLA0025GB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
More results

Similar Description - HCLA0025B

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
   Miniature amplified barometric pressure sensors
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
logo
All Sensors Corporation
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00243 ASC-DS-00243 Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-G-4V ASC-5INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com