Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMAM100U Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # HMAM100U
Description  Amplified pressure sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HMAM100U Datasheet(HTML) 3 Page - Sensortechnics GmbH

  HMAM100U Datasheet HTML 1Page - Sensortechnics GmbH HMAM100U Datasheet HTML 2Page - Sensortechnics GmbH HMAM100U Datasheet HTML 3Page - Sensortechnics GmbH HMAM100U Datasheet HTML 4Page - Sensortechnics GmbH HMAM100U Datasheet HTML 5Page - Sensortechnics GmbH HMAM100U Datasheet HTML 6Page - Sensortechnics GmbH HMAM100U Datasheet HTML 7Page - Sensortechnics GmbH HMAM100U Datasheet HTML 8Page - Sensortechnics GmbH HMAM100U Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
HMA Series
Amplified pressure sensors
3/15
E / 11697 / B
www.first-sensor.com
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS2
(V
S=3.0 VDC, TA=25 °C, RH=50 %, analog output signal is ratiometric to VS in the range of VS =2.7...4.2 V)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z4
6
4
.
10
5
.
16
3
5
.
1
V
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
5
0
4
.
2
t
u
p
t
u
Oe
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
x
a
m
t
a4
6
6
.
20
7
.
26
3
7
.
2
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a4
6
2
.
00
3
.
06
3
3
.
0
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
y
t
i
r
a
e
n
il
-
n
o
N)
C
°
5
8
.
.
.
0
2
-
(
6
5
2
.
0
±
S
S
F
%
y
c
a
r
u
c
c
A
7
5
2
.
0
±
)
C
°
5
8
.
.
.
0
2
-
(
y
c
a
r
u
c
c
a
l
a
t
o
T
8
5
.
1
±
y
a
l
e
d
e
s
n
o
p
s
e
R
9
5
.
0s
m
n
o
i
t
u
l
o
s
e
r
D
/
A
2
1
t
i
b
n
o
i
t
u
l
o
s
e
r
A
/
D
1
1
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
5
.
4A
m
All HMA...U...H3 (unidirectional devices)
All HMA...B...H3 (bidirectional devices)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z4
6
2
.
00
3
.
06
3
3
.
0
V
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
5
0
4
.
2
t
u
p
t
u
o
e
l
a
c
s
ll
u
F4
6
6
.
20
7
.
26
3
7
.
2
All HMA...H3 devices (V
S = 3.0)
Specification notes:
1.
All wetted materials are selected to give a high level of media compatibility. Media compatibility refers to media inside the
pressure port and lid. Improved media compatibility on high pressure port (backward side of sensor chip) since media has no
contact to electronic components. Nevertheless tests with the media used in the specific application are recommended.
2.
Sensor is calibrated in air, changes in sensor behaviour based on physical effects caused by the specific media can occur.
Weight of the media and wetting forces can influence the sensor characteristics.
3.
Storage temperature of the sensor without package.
4.
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters
of the sensing element.
5.
Full Scale Span (FSS) is the algebraic difference between the output signal for the highest and lowest specified pressure.
6.
Non-linearity is the measured deviation based on Best Fit Straight Line (BFSL).
7.
Accuracy is the combined error from non-linearity and hysteresis. Hysteresis is the maximum output difference at any point
within the operating pressure range for increasing and decreasing pressure.
8.
Total accuracy is the combined error from offset and span calibration, non-linearity, pressure hysteresis, and temperature
effects. Calibration errors include the deviation of offset and full scale from nominal values.
9.
Max. delay time between pressure change at the pressure die and signal change at the output.
10. Tested 1h, up to 85 °C.
Sensors are electronic components and should be handled only in ESD save environments.


Similar Part No. - HMAM100U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HMA0207 VISHAY-HMA0207 Datasheet
115Kb / 2P
   Metal Film Resistors, Power Type, Miniature
Revision 02-Aug-02
logo
Fairchild Semiconductor
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
HMA121A FAIRCHILD-HMA121A Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
HMA121AR1 FAIRCHILD-HMA121AR1 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
HMA121AR1V FAIRCHILD-HMA121AR1V Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
More results

Similar Description - HMAM100U

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HDI0611ABE8H3 SENSORTECHNICS-HDI0611ABE8H3 Datasheet
124Kb / 11P
   Amplified pressure sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-0029 ASC-DS-0029 Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com