Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-812C32AUA-C2M-T2 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-812C32AUA-C2M-T2
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-812C32AUA-C2M-T2 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-812C32AUA-C2M-T2 Datasheet HTML 1Page - Seiko Instruments Inc S-812C32AUA-C2M-T2 Datasheet HTML 2Page - Seiko Instruments Inc S-812C32AUA-C2M-T2 Datasheet HTML 3Page - Seiko Instruments Inc S-812C32AUA-C2M-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-812C32AUA-C2M-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-812C32AUA-C2M-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-812C32AUA-C2M-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-812C32AUA-C2M-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-812C32AUA-C2M-T2 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Rev.1.0
Seiko Instruments Inc.
1
HIGH OPERATING VOLTAGE
CMOS VOLTAGE REGULATOR
S-812C Series
The S-812C series is a family of high-voltage positive
regulators developed using CMOS technology.
The
maximum operating voltage of 16V makes the S-812C
series best in high-voltage applications.
Not only current
consumption is small but also power-off function is
included, the regulator is also suitable in constructing low-
power portable devices. Combination of power-off function
and short-current protection can be selected.
„ Features
• Low current consumption
Operating current: Typ. 1.0
µA, Max. 1.8 µA (3.0 V)
• Output voltage: 2.0 to 6.0 V (0.1 V step)
• Output voltage accuracy: ±2.0%
• Output current:
50mA capable (3.0 V output product, VIN=5 V)
Note1
75mA capable (5.0 V output product, VIN=7 V)
Note1
• Dropout voltage
Typ. 120 mV (VOUT = 5.0 V, IOUT = 10 mA)
• Power-off function: Polarity for power-off switch or removal of the power-off function can be selected.
• Short-circuit protection: Product with/without short-circuit protection is available.
Short-circuited current : 40 mA typ. for products with protection
• Packages: SOT-23-5 (Package drawing code : MP005-A)
SOT-89-5 (Package drawing code : UP003-A)
SOT-89-3 (Package drawing code : UP005-A)
TO-92
(Package drawing code : YF003-A)
Note1 Power dissipation of the package should be taken into account when the output current is large.
„ Block Diagram
(1) Product without power-off function
(2) Product with power-off function
VSS
VOUT
VIN
(2)
(1)
(1) : Parasitic diode
(2) : In case of a product with short-circuit protection
Short-circuit
protection
Reference
voltage
VSS
VOUT
ON/OFF
VIN
(2)
(1)
(1) : Parasitic diode
(2) : In case of a product with short-circuit protection
Short-circuit
protection
Reference
voltage
Figure 1 Block Diagram
„ Applications
• Power source for battery-powered devices
• Power source for personal communication
devices
• Power source for home electric/electronic
appliances


Similar Part No. - S-812C32AUA-C2M-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C32AUA-C2MT2G SII-S-812C32AUA-C2MT2G Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-812C32AUA-C2MT2X ABLIC-S-812C32AUA-C2MT2X Datasheet
803Kb / 56P
   16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
More results

Similar Description - S-812C32AUA-C2M-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C SII-S-812C_1 Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com