Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0621002170 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0621002170
Description  Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0621002170 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0621002170 Datasheet HTML 1Page - Molex Electronics Ltd. 0621002170 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/14/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0765301037
Status:
Active
Overview:
Impact™ Backplane Connectors and Cable Assemblies
Description:
Impact™ 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided, 14
Columns, 210 Circuits, Plated Through Hole Dimension 0.39mm, Lead Free
Documents:
Drawing (PDF)
Application Specification AS-76060-9999-001 (PDF)
Product Specification PS-76060-999-001 (PDF)
Packaging Specification PK-70873-0043 (PDF)
Application Specification AS-76060-990-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
76530
Application
Mezzanine
Application Tooling Documents
TM-622018799
Component Type
PCB Receptacle
Overview
Impact™ Backplane Connectors and Cable Assemblies
Product Name
Impact™
Style
N/A
UPC
887191658124
Physical
Circuits (Loaded)
210
Circuits (maximum)
210
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
28.947/g
Number of Columns
14
Number of Pairs
5
Number of Rows
15
Orientation
Vertical
PC Tail Length
1.40mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.90mm
Pitch - Termination Interface
1.90mm
Plating min - Mating
0.762µm
Polarized to PCB
No
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Shield Type
N/A
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
76530 Series
Mates With
76055 Impact™ 100 Ohm Vertical
Backplane Header
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Press-In Tool for
Impact™ Signal
Module Assembly
0622018861
Removal Tool for
Impact™ Mezzanine
0621002170


Similar Part No. - 0621002170

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621002170 MOLEX11-0621002170 Datasheet
50Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 28mm Stack Height, Unguided
0621002170 MOLEX11-0621002170 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
0621002170 MOLEX11-0621002170 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
0621002170 MOLEX11-0621002170 Datasheet
47Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
0621002170 MOLEX11-0621002170 Datasheet
40Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 40mm Stack Height, Unguided
More results

Similar Description - 0621002170

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0765301032 MOLEX11-0765301032 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
0765301037 MOLEX1-0765301037_17 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
0765301030 MOLEX1-0765301030_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
0765301036 MOLEX1-0765301036_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
0765301032 MOLEX1-0765301032_17 Datasheet
40Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
0765301030 MOLEX11-0765301030 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
0765301036 MOLEX11-0765301036 Datasheet
47Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Unguided
0765303036 MOLEX11-0765303036 Datasheet
46Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Left Guided
0765305032 MOLEX1-0765305032_17 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 38mm Stack Height, Right Guided
0765301026 MOLEX11-0765301026 Datasheet
50Kb / 2P
   Impact 100 Ohm 5 Pair Mezzanine Receptacle, 28mm Stack Height, Unguided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com