Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS.30.105111 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TLS.30.105111
Description  Permanent Mount External Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLS.30.105111 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TLS.30.105111 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 5Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DSP-15-8-SPE-15-8-070/A/SS Page 3 of 12
2.Specification
ELECTRICAL
Application Band
ISM433
Operation Frequency
433 MHz
On 30 x 30 cm ground plane
Efficiency (%)
56.46 %
Peak Gain (dBi)
-0.54
Average Gain (dBi)
-2.48
Return Loss (dB)
<-15
Impedance
50 Ω
Polarization
Vertical
Radiation Property
Omni-Directional
Max Input Power
100 W
MECHANICAL
Dimension (mm)
Height: 79.45mm(3.13") ; Diameter :
42mm(1.65")
Cable
1 meter CFD-200
Connector
SMA(M)
Material
Housing : UV Resistant ABS ,
Base : Nickel Plated Zinc Alloy
Weight (g)
205
Rec. Torque for Mounting
4.018 N.m
Max. Torque for Mounting
9.8 N.m
ENVIRONMENTAL
Waterproof Rating
IP67 and IP69K
Operation Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH


Similar Part No. - TLS.30.105111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TLS.30.105111 TAOGLAS-TLS.30.105111 Datasheet
4Mb / 12P
   IP67 and IP69K Waterproof
More results

Similar Description - TLS.30.105111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TLS.20.1F11 TAOGLAS-TLS.20.1F11 Datasheet
6Mb / 13P
   Permanent Mount External Antenna
TLS.20.1F21 TAOGLAS-TLS.20.1F21 Datasheet
8Mb / 13P
   Permanent Mount External Antenna
TLS.20.105111 TAOGLAS-TLS.20.105111 Datasheet
5Mb / 13P
   Permanent Mount External Antenna
TLS30105111 TAOGLAS-TLS30105111 Datasheet
4Mb / 12P
   Shockwave 433MHz Permanent Mount External Antenna
TLS301F11 TAOGLAS-TLS301F11 Datasheet
6Mb / 12P
   Shockwave 433MHz Permanent Mount External Antenna
TLS301F21 TAOGLAS-TLS301F21 Datasheet
8Mb / 12P
   Shockwave 433MHz Permanent Mount External Antenna
TLS20105111 TAOGLAS-TLS20105111 Datasheet
5Mb / 13P
   Shockwave 450-470MHz Permanent Mount External Antenna
TLS201F11 TAOGLAS-TLS201F11 Datasheet
1Mb / 11P
   Shockwave 450-470MHz Permanent Mount External Antenna
TLS01305111 TAOGLAS-TLS01305111 Datasheet
3Mb / 23P
   Shockwave 698-960/1575.42/1710-2700MHz Permanent Mount External Antenna
TLS01305721 TAOGLAS-TLS01305721 Datasheet
3Mb / 25P
   Shockwave 698-960/1575.42/1710-2700MHz Permanent Mount External Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com