Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8863402YX Datasheet(PDF) 7 Page - ATMEL Corporation

Part # 5962-8863402YX
Description  256 (32K x 8) High Speed Parallel Parallel
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-8863402YX Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button 5962-8863402YX Datasheet HTML 3Page - ATMEL Corporation 5962-8863402YX Datasheet HTML 4Page - ATMEL Corporation 5962-8863402YX Datasheet HTML 5Page - ATMEL Corporation 5962-8863402YX Datasheet HTML 6Page - ATMEL Corporation 5962-8863402YX Datasheet HTML 7Page - ATMEL Corporation 5962-8863402YX Datasheet HTML 8Page - ATMEL Corporation 5962-8863402YX Datasheet HTML 9Page - ATMEL Corporation 5962-8863402YX Datasheet HTML 10Page - ATMEL Corporation 5962-8863402YX Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AT28HC256
7
Page Mode Write Waveforms(1)(2)
Notes:
1.
A6 through A14 must specify the same page address during each high to low transition of WE (or CE).
2.
OE must be high only when WE and CE are both low.
Chip Erase Waveforms
Page Mode Write Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
WC
Write Cycle Time
AT28HC256
5
10
ms
AT28HC256F
2
3.0
ms
t
AS
Address Set-up Time
0
ns
t
AH
Address Hold Time
50
ns
t
DS
Data Set-up Time
50
ns
t
DH
Data Hold Time
0
ns
t
WP
Write Pulse Width
100
ns
t
BLC
Byte Load Cycle Time
150
µs
t
WPH
Write Pulse Width High
50
ns
t
S = tH = 5 µsec (min.)
t
W = 10 msec (min.)
V
H = 12.0V ± 0.5V


Similar Part No. - 5962-8863402YX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8863001VA AD-5962-8863001VA Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
5962-88630023A AD-5962-88630023A Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
5962-8863002VA AD-5962-8863002VA Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
logo
List of Unclassifed Man...
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
More results

Similar Description - 5962-8863402YX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256N ATMEL-AT28HC256N Datasheet
230Kb / 13P
   256 (32K x 8) High-speed Parallel EEPROM
AT28HC256 ATMEL-AT28HC256 Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
AT28HC256 ATMEL-AT28HC256 Datasheet
728Kb / 12P
   256 32K x 8 High Speed CMOS E2PROM
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256_09 Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com