Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU64985GWZ Datasheet(PDF) 11 Page - Rohm

Part # BU64985GWZ
Description  Bi-directional VCM driver for Auto focus
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU64985GWZ Datasheet(HTML) 11 Page - Rohm

Back Button BU64985GWZ Datasheet HTML 7Page - Rohm BU64985GWZ Datasheet HTML 8Page - Rohm BU64985GWZ Datasheet HTML 9Page - Rohm BU64985GWZ Datasheet HTML 10Page - Rohm BU64985GWZ Datasheet HTML 11Page - Rohm BU64985GWZ Datasheet HTML 12Page - Rohm BU64985GWZ Datasheet HTML 13Page - Rohm BU64985GWZ Datasheet HTML 14Page - Rohm BU64985GWZ Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11/21
TSZ02201-0K1K0B601860-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
6. Oct.2016 Rev.003
www.rohm.com
TSZ22111・15・001
BU64985GWZ
Controlling Step Mode
Step mode is the control period in which the lens is moved by small output current steps. During step mode it is possible
to control the step resolution and step time in order to generate just enough output current to float the lens with minimal
ringing effects. Ringing can be better controlled by choosing a large value for the step time and a small value for the
step resolution with the trade off of a greater settling time. The step time and step resolution should be chosen depending
on the acceptable system limits of ringing vs. settling time.
Step mode is used when M=1, the reference DAC set to 0, and the present DAC code is in between point A and point B.
Typically this mode is only used during ISRC operation between point A and B, however it is possible to move the lens to
point C using only step mode if point C is set such that point C is only 1 DAC code greater than point B.
Step mode is controlled by the 5-bit step time, stt[4:0], and 3-bit step resolution, str[2:0], values stored in register W[2:0]
= 0b111. The step time is set by the 5 LSBs and the step resolution is set by the 3 MSBs of the third byte write while
using register W[2:0] = 0b111.
Table 5. Step Time Settings
stt[4:0]
Step Time
stt[4:0]
Step Time
stt[4:0]
Step Time
stt[4:0]
Step Time
0b00000
-
0b01000
400 µs
0b10000
800 µs
0b11000
1200 µs
0b00001
50 µs
0b01001
450 µs
0b10001
850 µs
0b11001
1250 µs
0b00010
100 µs
0b01010
500 µs
0b10010
900 µs
0b11010
1300 µs
0b00011
150 µs
0b01011
550 µs
0b10011
950 µs
0b11011
1350 µs
0b00100
200 µs
0b01100
600 µs
0b10100
1000 µs
0b11100
1400 µs
0b00101
250 µs
0b01101
650 µs
0b10101
1050 µs
0b11101
1450 µs
0b00110
300 µs
0b01110
700 µs
0b10110
1100 µs
0b11110
1500 µs
0b00111
350 µs
0b01111
750 µs
0b10111
1150 µs
0b11111
1550 µs
Table 6. Step Resolution Settings
str[2:0]
Step
Resolution
str[2:0]
Step
Resolution
str[2:0]
Step
Resolution
str[2:0]
Step
Resolution
0b000
-
0b010
2 LSB
0b100
4 LSB
0b110
6 LSB
0b001
1 LSB
0b011
3 LSB
0b101
5 LSB
0b111
7 LSB
The BU64985GWZ has an absolute output current range of 120mA which corresponds to a step resolution of
0.117mA/LSB.
Using a normal VCM actuator (non-bidirectional), it is possible to skip step mode during ISRC operation if a simpler
autofocus code sequence is desired. If there is no issue with moving the lens to point B using direct mode, then the
DAC code for point A should be left equal to 0. Additionally if the point A register is not set after the driver is initialized,
then the driver will automatically move the lens to point B with direct mode since the default value for point A is 0.
Controlling ISRC Mode
ISRC mode is the control period in which the lens is already floating and the driver smoothly moves the lens based on
the proprietary behavior of the ISRC algorithm. ISRC operation keeps ringing at a minimum while achieving the fastest
possible settling time based on the ISRC operational conditions.
ISRC mode is used when M=1, the reference DAC set to 0, and the present DAC code is greater than the DAC code for
point B. ISRC mode is also used when M=1 and the reference DAC set to a non-zero value. If the target DAC code
for point C is set so that the value is too large and will cause excess ringing, the point C DAC code is automatically
updated with a driver pre-determined value to minimize the ringing effect. When M=1 and the reference DAC set to 0,
the driver will automatically switch between direct mode, step mode, and ISRC mode when the point A, B, and C DAC
code conditions are met. The condition for this automatic transitioning to occur is when the register values for point B
and point C are set to values other than 0 and then the sequence will start when the EN bit is set equal to 1. Please
note that updates to point B and C DAC codes should be avoided during a focus operation in order to minimize poor
ringing effects.
Figure 12. Three Mode Sequential Operation (Shown as DAC Codes) for Traditional VCM Actuators
0
DAC code
Time (ms)
ISRC DAC codes*
Start sequence
B
A
C
Step mode
Direct mode
ISRC mode ※ ISRC DAC codes
– the details of ISRC
operation are
proprietary


Similar Part No. - BU64985GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU64982GWZ ROHM-BU64982GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
BU64987GWZ ROHM-BU64987GWZ Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
BU64987GWZ-TR ROHM-BU64987GWZ-TR Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
More results

Similar Description - BU64985GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU64987GWZ ROHM-BU64987GWZ Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
BU64297GWZ ROHM-BU64297GWZ Datasheet
1Mb / 17P
   Bi-directional VCM driver for Auto focus
13. Nov.2014 Rev.001
BU64253GWZ ROHM-BU64253GWZ Datasheet
1Mb / 20P
   Bi-directional VCM Driver for Autofocus
BU64292GWZ ROHM-BU64292GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
BU64982GWZ ROHM-BU64982GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
logo
ON Semiconductor
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com