Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU64985GWZ Datasheet(PDF) 6 Page - Rohm

Part # BU64985GWZ
Description  Bi-directional VCM driver for Auto focus
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU64985GWZ Datasheet(HTML) 6 Page - Rohm

Back Button BU64985GWZ Datasheet HTML 2Page - Rohm BU64985GWZ Datasheet HTML 3Page - Rohm BU64985GWZ Datasheet HTML 4Page - Rohm BU64985GWZ Datasheet HTML 5Page - Rohm BU64985GWZ Datasheet HTML 6Page - Rohm BU64985GWZ Datasheet HTML 7Page - Rohm BU64985GWZ Datasheet HTML 8Page - Rohm BU64985GWZ Datasheet HTML 9Page - Rohm BU64985GWZ Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/21
TSZ02201-0K1K0B601860-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
6. Oct.2016 Rev.003
www.rohm.com
TSZ22111・15・001
BU64985GWZ
Characteristics of the SDA and SCL Bus Lines for 2-wire Serial Interface
(Ta = 25 °C, VDD = 1.6 to 1.98V)
Parameter
Symbol
STANDARD-
MODE(Note 4)
FAST-MODE(Note 4)
Fm+(Note 4)
Unit
Min
Max
Min
Max
Min
Max
Hysterics of Schmitt trigger inputs
Vhys
-
-
0.05VDD
-
0.05VDD
-
V
Pulse width of spikes which must be suppressed
by the input filter
tSP
0
50
0
50
0
50
ns
Hold time (repeated) START condition. After this
period, the first clock pulse is generated
tHD;STA
4.0
-
0.6
-
0.26
-
µs
LOW period of the SCL clock
tLOW
4.7
-
1.3
-
0.5
-
µs
High period of the SCL clock
tHIGH
4.0
-
0.6
-
0.26
-
µs
Set-up time for repeated START condition
tSU;STA
4.7
-
0.6
-
0.26
-
µs
Data hold time
tHD;DAT
0
3.45
0
0.9
0
0.45
µs
Data set-up time
tSU;DAT
250
-
100
-
50
-
ns
Set-up time for STOP condition
tSU;STO
4.0
-
0.6
-
0.26
-
µs
Bus free time between a STOP and START
condition
tBUF
4.7
-
1.3
-
0.5
-
µs
(Note 4) STANDARD-MODE, FAST-MODE, and FAST-MODE PLUS (Fm+) 2-wire Serial Interface devices must be able to transmit or receive at the designated speed.
The maximum bit transfer rates are 100 kbit/s for STANDARD-MODE devices, 400 kbit/s for FAST-MODE devices, and 1 Mbit/s for Fm+ devices.This transfer rates is
based on the maximum transfer rate. For example the bus is able to drive 100 kbit/s clocks with Fm+.
2-wire Serial Interface Timing
Figure 5. Serial Data Timing
Figure 6. START and STOP Bit Timing
Register
Name
Setting
Item
Description
Initial
Value
R/W
Read/Write
Setting
0 = Write to serial registers, 1 = Read from serial registers
0
PS
Serial
Power
Save
0 = Driver in standby mode, 1 = Driver in operating mode
0
EN
Enable
0 = Output current set to zero & idling current set to zero,
1 = Constant current drive
0
W2W1W0
Register
Address
000 =
Don’t care
0x0
001 =
Don’t care
010 = Target position DAC code [D9:D0]
011 = Reference DAC code [D7:D0]
100 = Actuator resonance frequency[D7:D3], Slew rate [D1:D0]
101 = ISRC setting
– point A [D9:D0]
110 = ISRC setting
– point B [D9:D0]
111 = Step resolution [D7:D5], Step time[D4:D0]
M
Mode
Select
Signal
0 =
Direct mode, 1 = ISRC or Step mode
0
D9 to D0
10-bit Data
Setting
10-bit data programmed to the corresponding register address
0x200
SCL
tBUF
SDA
tHD : STA
tSU : DAT
tHD : DAT
tHIGH
tLOW
SCL
START BIT
SDA
STOP BIT
tSU : STA
tHD : STA
tSU : STO


Similar Part No. - BU64985GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU64982GWZ ROHM-BU64982GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
BU64987GWZ ROHM-BU64987GWZ Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
BU64987GWZ-TR ROHM-BU64987GWZ-TR Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
More results

Similar Description - BU64985GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU64987GWZ ROHM-BU64987GWZ Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
BU64297GWZ ROHM-BU64297GWZ Datasheet
1Mb / 17P
   Bi-directional VCM driver for Auto focus
13. Nov.2014 Rev.001
BU64253GWZ ROHM-BU64253GWZ Datasheet
1Mb / 20P
   Bi-directional VCM Driver for Autofocus
BU64292GWZ ROHM-BU64292GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
BU64982GWZ ROHM-BU64982GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
logo
ON Semiconductor
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com