Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU64987GWZ Datasheet(PDF) 8 Page - Rohm

Part # BU64987GWZ
Description  Bi-directional VCM driver for Auto focus
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU64987GWZ Datasheet(HTML) 8 Page - Rohm

Back Button BU64987GWZ Datasheet HTML 4Page - Rohm BU64987GWZ Datasheet HTML 5Page - Rohm BU64987GWZ Datasheet HTML 6Page - Rohm BU64987GWZ Datasheet HTML 7Page - Rohm BU64987GWZ Datasheet HTML 8Page - Rohm BU64987GWZ Datasheet HTML 9Page - Rohm BU64987GWZ Datasheet HTML 10Page - Rohm BU64987GWZ Datasheet HTML 11Page - Rohm BU64987GWZ Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8/21
TSZ02201-0K1K0B601860-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
6. Oct.2016 Rev.001
www.rohm.com
TSZ22111・15・001
BU64987GWZ
Additionally, based on the REF value, the minimum output current of the BU64987GWZ is calculated as:
�������������������� = (
200
1023
) ∗ −������������
[mA]
Equation 2. Minimum Output Current Calculation
Figure 8. Example of Reference Code Setting
Please note that when calculating a REF value based on a target output current, the resulting REF value needs to be
converted to an 8-bit DAC code by removing the 2 LSBs.
The reference DAC should be set based on the properties of the VCM actuator. A traditional VCM actuator uses a barrel
that rests against the mechanical end of the actuator when no current is applied to the coil. Using a traditional VCM
requires the reference DAC to be set to 0. Bidirectional VCM actuators have the natural position set based on the
actuator manufacturers’ process. Typically the reference DAC for bidirectional VCM actuators should be set so that the
output current range matches the natural full stroke range as closely as possible. The reference DAC is set to 0x80 as
a default after power initialization.
Controlling Mechanical Ringing
A VCM is an actuator technology that is intrinsically noisy due to the properties of the mechanical spring behavior. As
current passes through the VCM, the lens moves and oscillates until the system reaches a steady state.
The
BU64987GWZ lens driver is able to control mechanical oscillations by using the integrated ISRC (intelligent slew rate
control) function.
ISRC is operated by setting multiple control parameters that are determined by the intrinsic
characteristics of the VCM. The following illustrates how to best utilize ISRC to minimize mechanical oscillations.
Determining the Resonant Frequency of the VCM
Each VCM has a resonant frequency that can either be provided by the manufacturer or measured. The resonant
frequency of an actuator determines the amount of ringing (mechanical oscillation) experienced after the lens has been
moved to a target position and the driver output current held constant. To determine the resonant frequency, f0, input a
target DAC code by modifying the 10-bit TDAC[9:0] value in register W[2:0] = 0b010 that will target a final lens position
approximately half of the actuator’s full stroke. Take care to not apply too much current so that the lens does not hit the
mechanical end of the actuator as this will show an incorrect resonant period. In order to start movement of the lens to the
DAC code that was set in TDAC[9:0], the EN bit must be set to 1.


Similar Part No. - BU64987GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU64982GWZ ROHM-BU64982GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
BU64985GWZ ROHM-BU64985GWZ Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
BU64985GWZ-TR ROHM-BU64985GWZ-TR Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
More results

Similar Description - BU64987GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU64985GWZ ROHM-BU64985GWZ Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
BU64297GWZ ROHM-BU64297GWZ Datasheet
1Mb / 17P
   Bi-directional VCM driver for Auto focus
13. Nov.2014 Rev.001
BU64253GWZ ROHM-BU64253GWZ Datasheet
1Mb / 20P
   Bi-directional VCM Driver for Autofocus
BU64292GWZ ROHM-BU64292GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
BU64982GWZ ROHM-BU64982GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
logo
ON Semiconductor
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com