Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPH50SP2347SNG Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # SPH50SP2347SNG
Description  SURGE PROTECTION MADE SIMPLE??FOR COMMERCIAL & INDUSTRIAL APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SPH50SP2347SNG Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  SPH50SP2347SNG Datasheet HTML 1Page - Cooper Bussmann, Inc. SPH50SP2347SNG Datasheet HTML 2Page - Cooper Bussmann, Inc. SPH50SP2347SNG Datasheet HTML 3Page - Cooper Bussmann, Inc. SPH50SP2347SNG Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0213
BU-SB13145
Page 4 of 4
Data Sheet 2163
© 2013 Cooper Bussmann
www.cooperbussmann.com
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by
definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design
applications. Cooper Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any
products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been
selected, it should be tested by the user in all possible applications.
Wiring Connections
Black
Black
White
L1 (Black)
L2 (Black)
N (White)
120V (L-N) / 240V (L1-L2),
240V (L-N) / 480V (L1-L2)
Single Phase (Split) Center Tap
SPH50SP2240PN,
SPH50SP2480PN
Black
Black
Green
White
Orange
L3 (Black)
L2 (Orange)
Highleg
L1 (Black)
N (White)
GND (Green)
120V (L1 / L3-N) / 240V (L-L),
240V (L1 / L3-N) / 480V (L-L)
4 Wire Highleg Delta + Ground
SPH50SP4240HLG,
SPH50SP4480HLG
L (Black)
N (White)
Black
White
120, 240, 347V (L-N)
2 Wire
120, 240, 347V (L-N)
2 Wire + Ground
SPH50SP1120SN,
SPH50SP1240SN,
SPH50SP1347SN
L (Black)
N (White)
GND (Green)
Black
Green
White
SPH50SP2120SNG,
SPH50SP2240SNG,
SPH50SP2347SNG
Black
Black
Black
Green
White
GND (Green)
L2 (Black)
N (White)
L3 (Black)
L1 (Black)
SPH50SP4208WYNG,
SPH50SP4480WYNG,
SPH50SP4600WYNG
120V (L-N) / 208V (L-L),
127V (L-N) / 220V (L-L),
277V (L-N) / 480V (L-L),
347V (L-N) / 600V (L-L)
4 Wire Wye + Ground
L1 (Black)
L2 (Black)
L3 (Black)
GND (Green)
SPH50SP3240DLG,
SPH50SP3480DLG
Black
Black
Black
Green
240, 480V (L-L)
3 Wire Delta + Ground
Black
Black
Black
Green
L1 (Black)
L3 (Black)
L2 (Black)
GND (Green)
SPH50SP3208WYG,
SPH50SP3480WYG,
SPH50SP3600WYG
208, 480, 600V (L-L)
3 Wire Wye + Ground
Black
Black
Green
White
L1 (Black)
L2 (Black)
N (White)
GND (Green)
120V (L-N) / 240V (L1-L2),
240V (L-N) / 480V (L1-L2)
Single Phase (Split) Center Tap + Ground
SPH50SP3240PNG,
SPH50SP3480PNG
Must be installed within 10 feet (3m) of a bonded
neutral-ground connection per IEEE C62.41-1991
For installations at or less than 10 feet (3m)
from the transformer.
For installation when located greater than 10 feet (3m) of a
bonded neutral-ground connection.
For installation when located greater than 10 feet (3m)
of a bonded neutral-ground connection.
Single-Phase
Two-Pole with Neutral
Two-Pole with Neutral + Ground
Wye + Ground
Wye with Neutral + Ground
Delta + Ground
Highleg Delta
Single-Phase + Ground


Similar Part No. - SPH50SP2347SNG

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPH5014FT SUPERWORLD-SPH5014FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-2R2NZF SUPERWORLD-SPH5014FT-2R2NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-3R3NZF SUPERWORLD-SPH5014FT-3R3NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-4R7NZF SUPERWORLD-SPH5014FT-4R7NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5020FT SUPERWORLD-SPH5020FT Datasheet
239Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
More results

Similar Description - SPH50SP2347SNG

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SPP40SP1120SN COOPER-SPP40SP1120SN Datasheet
825Kb / 3P
   SURGE PROTECTION MADE SIMPLE??FOR LIGHT COMMERCIAL & RESIDENTIAL APPLICATIONS
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
Intersil Corporation
CA311 INTERSIL-CA311 Datasheet
486Kb / 8P
   Voltage Comparator For Commercial Industrial Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
Ledil, Inc.
C17265 LEDIL-C17265 Datasheet
2Mb / 3P
   ~60째 medium beam for industrial applications. Variant made from PC.
C17264 LEDIL-C17264 Datasheet
2Mb / 3P
   ~25째 spot beam for industrial applications. Variant made from PC.
C17266 LEDIL-C17266 Datasheet
2Mb / 3P
   ~90째 wide beam for industrial applications. Variant made from PC.
logo
List of Unclassifed Man...
CF18JT560R ETC2-CF18JT560R Datasheet
98Kb / 3P
   General purpose resistor ideal for commercial/industrial applications
PCF14JT200R ETC2-PCF14JT200R Datasheet
364Kb / 7P
   General purpose resistor ideal for commercial/industrial applications
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
   Commercial, Industrial and Automotive Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com