Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPH50SP3480PNG Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # SPH50SP3480PNG
Description  SURGE PROTECTION MADE SIMPLE??FOR COMMERCIAL & INDUSTRIAL APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SPH50SP3480PNG Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  SPH50SP3480PNG Datasheet HTML 1Page - Cooper Bussmann, Inc. SPH50SP3480PNG Datasheet HTML 2Page - Cooper Bussmann, Inc. SPH50SP3480PNG Datasheet HTML 3Page - Cooper Bussmann, Inc. SPH50SP3480PNG Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0213
BU-SB13145
Page 2 of 4
Data Sheet 2163
SurgePOD™ HEAVY DUTY Technical Information
Nominal
Max. Continuous
System
Operating AC
Connection
Catalog Number
Voltage
Voltage (MCOV) (VC)
System Type
Points
SPH50SP1120SN
120V
150V
Single-Phase 2 Wire
2
SPH50SP1240SN
240V
320V
Single-Phase 2 Wire
2
SPH50SP1347SN
347V
420V
Single-Phase 2 Wire
2
SPH50SP2120SNG
120V
150V
Single-Phase 2 Wire + G
3
SPH50SP2240SNG
240V
320V
Single-Phase 2 Wire + G
3
SPH50SP2347SNG
347V
420V
Single-Phase 2 Wire + G
3
SPH50SP2240PN
120/240V
150V
Split-Phase 3 Wire
3
SPH50SP2480PN
240/480V
320V
Split-Phase 3 Wire
3
SPH50SP3240PNG
120/240V
150V
Split-Phase 3 Wire + G
4
SPH50SP3480PNG
240/480V
320V
Split-Phase 3 Wire + G
4
SPH50SP3240DLG
240V
320V
Three-Phase Delta 3 Wire + G
4
SPH50SP3480DLG
480V
550V
Three-Phase Delta 3 Wire + G
4
SPH50SP4240HLG
120/240V
150/320V
Three-Phase Highleg Delta 4 Wire + G
5
SPH50SP4480HLG
240/480V
320/550V
Three-Phase Highleg Delta 4 Wire + G
5
SPH50SP3208WYG
208V
150V
Three-Phase Wye 3 Wire + G
4
SPH50SP3480WYG
480V
320V
Three-Phase Wye 3 Wire + G
4
SPH50SP3600WYG
600V
420V
Three-Phase Wye 3 Wire + G
4
SPH50SP4208WYNG
208Y/120V
150V
Three-Phase Wye 4 Wire + G
5
SPH50SP4480WYNG
480Y/277V
320V
Three-Phase Wye 4 Wire + G
5
SPH50SP4600WYNG
600Y/347V
420V
Three-Phase Wye 4 Wire + G
5
Specifications (for all SurgePOD HD units)
Values
Short Circuit Current Rating (SCCR)
200kA
Nominal Discharge Current (8x20µs) In
20kA
Max. Discharge Current (8x20µs) Imax
50kA
Response Time tA
<25ns
Frequency
50/60Hz
Operating State/Fault Indication
Bi-Color LED - Green (good) / Red (replace)
Conductor Length / Guage
18 inches, 10 AWG Stranded Tinned Copper
Mounting
Chase Nipple / Bracket*
Enclosure / Flammability Ratings
NEMA 4X - UL 94-5VA
Degree of Protection (Installed State)
IP20 (finger-safe)
SPD Install Location
Indoor/Outdoor
Circuit Location
Lineside or Loadside of service entrance overcurrent protective device
Standard
UL 1449 3rd Edition Type 1 Listed SPD
Agency Information
cULus, CSA**, RoHS Compliant
Product Warranty
5 Years***
Operating Temperature
-40˚C to +85˚C
Maximum Operating Altitude
16,000FT
* Customer-supplied bracket.
** 600V Wye versions not CSA Certified.
*** See Cooper Bussmann SPD Limited Warranty Statement (3A1502) for details at www.cooperbussmann.com/Surge.
SurgePOD™ HEAVY DUTY Technical Information
† 600V Wye versions are not CSA Certified.


Similar Part No. - SPH50SP3480PNG

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPH5014FT SUPERWORLD-SPH5014FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-2R2NZF SUPERWORLD-SPH5014FT-2R2NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-3R3NZF SUPERWORLD-SPH5014FT-3R3NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-4R7NZF SUPERWORLD-SPH5014FT-4R7NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5020FT SUPERWORLD-SPH5020FT Datasheet
239Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
More results

Similar Description - SPH50SP3480PNG

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SPP40SP1120SN COOPER-SPP40SP1120SN Datasheet
825Kb / 3P
   SURGE PROTECTION MADE SIMPLE??FOR LIGHT COMMERCIAL & RESIDENTIAL APPLICATIONS
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
Intersil Corporation
CA311 INTERSIL-CA311 Datasheet
486Kb / 8P
   Voltage Comparator For Commercial Industrial Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
Ledil, Inc.
C17265 LEDIL-C17265 Datasheet
2Mb / 3P
   ~60째 medium beam for industrial applications. Variant made from PC.
C17264 LEDIL-C17264 Datasheet
2Mb / 3P
   ~25째 spot beam for industrial applications. Variant made from PC.
C17266 LEDIL-C17266 Datasheet
2Mb / 3P
   ~90째 wide beam for industrial applications. Variant made from PC.
logo
List of Unclassifed Man...
CF18JT560R ETC2-CF18JT560R Datasheet
98Kb / 3P
   General purpose resistor ideal for commercial/industrial applications
PCF14JT200R ETC2-PCF14JT200R Datasheet
364Kb / 7P
   General purpose resistor ideal for commercial/industrial applications
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
   Commercial, Industrial and Automotive Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com