Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPH50SP4480WYNG Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SPH50SP4480WYNG
Description  SURGE PROTECTION MADE SIMPLE??FOR COMMERCIAL & INDUSTRIAL APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SPH50SP4480WYNG Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SPH50SP4480WYNG Datasheet HTML 1Page - Cooper Bussmann, Inc. SPH50SP4480WYNG Datasheet HTML 2Page - Cooper Bussmann, Inc. SPH50SP4480WYNG Datasheet HTML 3Page - Cooper Bussmann, Inc. SPH50SP4480WYNG Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0213
BU-SB13145
Page 1 of 4
Data Sheet 2163
www.cooperbussmann.com/Surge
SURGE PROTECTION MADE SIMPLEFOR COMMERCIAL & INDUSTRIAL APPLICATIONS
SURGEPOD™ HEAVY DUTY SPD FOR UL 1449 3rd Edition Listed Loadside and Lineside Protection
2-1/16”
2-1/16”
1-11/16”
1-11/16”
4-1/8”
3-3/16”
4-1/16”
3-3/8”
7/8”
1-1/16” Dia.
NEMA 4X Rated Heavy Duty
Type 1 UL Listed SPD
Description
The Cooper Bussmann SurgePOD™ HEAVY DUTY is a Type 1
UL Listed 1449 3rd Edition surge protective device suitable for
installation on both the loadside or lineside of the service
entrance overcurrent protective device.
Available in voltage and system specific versions to match
electrical system and equipment requirements. The SurgePOD
HEAVY DUTY delivers optimum surge protection using
advanced patent pending SurgePOD™ module featuring
thermal disconnect technology that eliminates the need for
additional overcurrent protection.
Parallel connection to the electrical system permits the
SurgePOD HEAVY DUTY SPD to be installed on
any ampacity
panel.
• Type 1 UL 1449 3rd Edition Listed SPDs are easily selected
and installed on the loadside or lineside of the service
entrance overcurrent protective device
• Patented Cooper Bussmann SurgePOD module technology
eliminates the need for additional fusing
• Voltage specific models precisely match and protect
electrical systems and equipment up to 600Vac
• Compact UV resistant NEMA 4X for indoor or outdoor
applications
easyID™ LED status indicator provides surge protection
status at a glance
Dimensions - in
SPH50SP1120SN
SPH50SP1240SN
SPH50SP1347SN
SPH50SP2120SNG
SPH50SP2240SNG
SPH50SP2347SNG
SPH50SP2240PN
SPH50SP2480PN
SPH50SP3240PNG
SPH50SP3480PNG
SPH50SP3240DLG
SPH50SP3480DLG
SPH50SP4240HLG
SPH50SP4480HLG
SPH50SP3208WYG
SPH50SP3480WYG
SPH50SP3600WYG
SPH50SP4208WYNG
SPH50SP4480WYNG
SPH50SP4600WYNG
easyID™ LED
Status Indicator
Type 1 SPD Part Number System
SPH 50S PX XXX XXX
SPH = Product Series
Surge Protection Heavy Duty
Surge Rating
50S = 50kA max discharge current
No of Wires/Poles
P1 = 1
P2 = 2
P3 = 3
P4 = 4
Rated System Voltage
120, 208, 240, 347, 480, 600Vac
System
SN = Single-Phase 2 Wire, 2 Connection Points
SNG = Single-Phase 2 Wire + G, 3 Connection Points
PN = Split-Phase 3 Wire , 3 Connection Points
PNG = Split-Phase 3 Wire + G, 4 Connection Points
DLG = Three-Phase Delta 3 Wire + G, 4 Connection Points
HLG = Three-Phase Highleg Delta 4 Wire + G, 5 Connection Points
WYG = Three-Phase Wye 3 Wire, 4 Connection Points
WYNG = Three-Phase Wye 3 Wire + G, 5 Connection Points
SPD Type 2


Similar Part No. - SPH50SP4480WYNG

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPH5014FT SUPERWORLD-SPH5014FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-2R2NZF SUPERWORLD-SPH5014FT-2R2NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-3R3NZF SUPERWORLD-SPH5014FT-3R3NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-4R7NZF SUPERWORLD-SPH5014FT-4R7NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5020FT SUPERWORLD-SPH5020FT Datasheet
239Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
More results

Similar Description - SPH50SP4480WYNG

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SPP40SP1120SN COOPER-SPP40SP1120SN Datasheet
825Kb / 3P
   SURGE PROTECTION MADE SIMPLE??FOR LIGHT COMMERCIAL & RESIDENTIAL APPLICATIONS
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
Intersil Corporation
CA311 INTERSIL-CA311 Datasheet
486Kb / 8P
   Voltage Comparator For Commercial Industrial Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
Ledil, Inc.
C17265 LEDIL-C17265 Datasheet
2Mb / 3P
   ~60째 medium beam for industrial applications. Variant made from PC.
C17264 LEDIL-C17264 Datasheet
2Mb / 3P
   ~25째 spot beam for industrial applications. Variant made from PC.
C17266 LEDIL-C17266 Datasheet
2Mb / 3P
   ~90째 wide beam for industrial applications. Variant made from PC.
logo
List of Unclassifed Man...
CF18JT560R ETC2-CF18JT560R Datasheet
98Kb / 3P
   General purpose resistor ideal for commercial/industrial applications
PCF14JT200R ETC2-PCF14JT200R Datasheet
364Kb / 7P
   General purpose resistor ideal for commercial/industrial applications
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
   Commercial, Industrial and Automotive Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com