Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3408 Datasheet(PDF) 3 Page - NEC

Part # 2SK3408
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3408 Datasheet(HTML) 3 Page - NEC

  2SK3408 Datasheet HTML 1Page - NEC 2SK3408 Datasheet HTML 2Page - NEC 2SK3408 Datasheet HTML 3Page - NEC 2SK3408 Datasheet HTML 4Page - NEC 2SK3408 Datasheet HTML 5Page - NEC 2SK3408 Datasheet HTML 6Page - NEC 2SK3408 Datasheet HTML 7Page - NEC 2SK3408 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D15016EJ3V0DS
3
2SK3408
TYPICAL CHARACTERISTICS (TA = 25°C)
30
150
60
90
20
60
80
40
0
0
100
120
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
10
1
0.1
0.01
10
100
1
0.1
5 s
100
ms
10
ms
PW
=1
ms
R
DS(on)
Limited
(@V
GS
=
10
V)
ID (pulse)
ID (DC)
Single Pulse
Mounted on 250 mm2 x 35 m Copper Pad
Connected to Drain Electrode in
50 mm x 50 mm x 1.6 mm FR-4 Board
µ
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
0
1
2
4
3
0.2
0.4
0.6
0.8
VGS =10 V
1
4.0 V
4.5 V
0.01
0.001
0.0001
0.00001
1
0
2
34
10
1
0.1
VGS - Gate to Sorce Voltage - V
25˚C
25˚C
TA = 125˚C
75˚C
FORWARD TRANSFER CHARACTERISTICS
VDS = 10 V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
−50
50
100
0
150
2.5
2
1.5
1
FORWARD TRANSFER ADMITTANCE Vs.
DRAIN CURRENT
ID - Drain Current - A
1
10
0.1
1
10
0.1
0.01
0.01
TA =
−25˚C
25˚C
75˚C
125˚C
VDS = 10 V
5


Similar Part No. - 2SK3408

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3408 RENESAS-2SK3408 Datasheet
198Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SK3408 RENESAS-2SK3408_15 Datasheet
198Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - 2SK3408

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com