Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS41-201M Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # GS41-201M
Description  AXIAL LEADED GLASS TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

GS41-201M Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  GS41-201M Datasheet HTML 1Page - SUNMATE electronic Co., LTD GS41-201M Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Part Number
Colour
GS41-141N
Brown
GS41-181N
Gray
GS41-201M
Red
GS41-251M
Red
GS41-301M
Red
GS41-401M
yellow
GS41-471M
yellow
GS41-501M
Green
GS41-601M
Blue
GS41-701M
Purple
GS41-801M
---
GS41-901M
---
GS41-102M
Black
GS41-152M
Green
Part Number Description:
GS41
301
M
DC Spark-Over Voltage Accuracy ±20
DC Spark-Over Voltage 300V
Dimension:Diameterφ2.6
Length 4.3mm


Similar Part No. - GS41-201M

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
GS41-201M HUAXINAN-GS41-201M Datasheet
166Kb / 2P
   Surge Absorbers
GS41-201M HUAXINAN-GS41-201M Datasheet
339Kb / 6P
   Surge Absorbers
More results

Similar Description - GS41-201M

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GS37-141N SUNMATE-GS37-141N Datasheet
882Kb / 2P
   AXIAL LEADED GLASS TUBE
GSS-141N SUNMATE-GSS-141N Datasheet
909Kb / 2P
   AXIAL LEADED GLASS TUBE
GSA-152M SUNMATE-GSA-152M Datasheet
859Kb / 2P
   AXIAL LEADED GLASS TUBE
GSE-141N SUNMATE-GSE-141N Datasheet
889Kb / 2P
   AXIAL LEADED GLASS TUBE
logo
Cooper Bussmann, Inc.
C515-125-R COOPER-C515-125-R Datasheet
253Kb / 2P
   5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
logo
Comchip Technology
1N5221B-G COMCHIP-1N5221B-G Datasheet
84Kb / 4P
   Axial Leaded Glass Zener Diode
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
   5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
logo
SUNMATE electronic Co.,...
BYW178 SUNMATE-BYW178 Datasheet
153Kb / 2P
   3.0A Axial Leaded Sintered Glass Junction
logo
M/A-COM Technology Solu...
MADS-002811-00540T MA-COM-MADS-002811-00540T Datasheet
64Kb / 2P
   Multi Purpose Axial Leaded Glass Schottky Diodes
MA47120 MA-COM-MA47120 Datasheet
446Kb / 6P
   Multi Purpose Axial Leaded Glass PIN Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com