Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC201S Datasheet(PDF) 4 Page - Sanken electric

Part # LC201S
Description  Power Supply IC for Microcomputer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC201S Datasheet(HTML) 4 Page - Sanken electric

  LC201S Datasheet HTML 1Page - Sanken electric LC201S Datasheet HTML 2Page - Sanken electric LC201S Datasheet HTML 3Page - Sanken electric LC201S Datasheet HTML 4Page - Sanken electric LC201S Datasheet HTML 5Page - Sanken electric LC201S Datasheet HTML 6Page - Sanken electric LC201S Datasheet HTML 7Page - Sanken electric LC201S Datasheet HTML 8Page - Sanken electric LC201S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LC201S
LC201S-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
4
Mar. 30, 2016
3. Functional Block Diagram
ST
OUT1
OUT2
SINK
GND
SL
1
2
8
5
4
3
Startup
Input
UVLO
Linear
Regulator
4. Pin Configuration Definitions
Pin
Name
Descriptions
1
GND
Ground
2
SL
Switch of OUT1 pin voltage
3
SINK
Sink pin to flow sink current at low input voltage
condition. Connect to OUT2 pin.
4
OUT2
5 V (Typ.) output
5
OUT1
9 V (Typ.) or 20 V (Typ.) output.
When auxiliary winding is connected to OUT1
pin, OUT1 pin is power supply of the control
circuit.
6
(NC)
No function. In order to maintain the distance
between high voltage pin and low voltage pin,
keep this pin open.
7
(NC)
8
ST
Startup current input.
When auxiliary winding is not connected to OUT1
pin, ST pin is power supply of the control circuit.
1
5
6
7
8
4
3
2
GND
SL
SINK
OUT2
OUT1
(NC)
ST
(NC)


Similar Part No. - LC201S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC201 SEOUL-LC201 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC201 SEOUL-LC201 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC201S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7109F TOSHIBA-TB7109F Datasheet
486Kb / 15P
   Power supply IC for LNB
logo
Renesas Technology Corp
RNA53A27F RENESAS-RNA53A27F Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
RNA53A30F RENESAS-RNA53A30F_15 Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
RNA53A27F RENESAS-RNA53A27F_15 Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
RNA53A30F RENESAS-RNA53A30F Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
logo
Mitsubishi Electric Sem...
M57145L-01 MITSUBISHI-M57145L-01 Datasheet
49Kb / 3P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
logo
Isahaya Electronics Cor...
YS246DS-05 ISAHAYA-YS246DS-05 Datasheet
80Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-15 ISAHAYA-YS243DS-15 Datasheet
101Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-05 ISAHAYA-YS243DS-05 Datasheet
102Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DD-12 ISAHAYA-YS243DD-12 Datasheet
103Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com