Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2794TLX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2794TLX
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2794TLX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2794TLX Datasheet HTML 6Page - National Semiconductor (TI) LM2794TLX Datasheet HTML 7Page - National Semiconductor (TI) LM2794TLX Datasheet HTML 8Page - National Semiconductor (TI) LM2794TLX Datasheet HTML 9Page - National Semiconductor (TI) LM2794TLX Datasheet HTML 10Page - National Semiconductor (TI) LM2794TLX Datasheet HTML 11Page - National Semiconductor (TI) LM2794TLX Datasheet HTML 12Page - National Semiconductor (TI) LM2794TLX Datasheet HTML 13Page - National Semiconductor (TI) LM2794TLX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Application Information (Continued)
SHUTDOWN MODE
The shutdown pin (SD) disables the part and reduces the
quiescent current to 2.3µA (typ.).
The LM2795 has an active-high shutdown pin (HIGH =
shutdown, LOW = operating). An internal pull-up is con-
nected between SD and V
IN of the LM2795. This allows the
use of open-drain logic control of the LM2795 shutdown, as
shown in Figure 1. The LM2795 SD pin can also be driven
with a rail-to-rail CMOS logic signal.
The LM2794 has an active-low shutdown pin (LOW = shut-
down, HIGH = operating). The LM2794 SD pin can be driven
with a low-voltage CMOS logic signal (1.5V logic, 1.8V logic,
etc). There is no internal pull-up or pull-down on the SD pin
of the LM2794.
CAPACITOR SELECTION
The LM2794/5 requires 4 external capacitors for proper
operation. Surface-mount multi-layer ceramic capacitors are
recommended. These capacitors are small, inexpensive and
have very low equivalent series resistance (ESR,
≤15mΩ
typ.). Tantalum capacitors, OS-CON capacitors, and alumi-
num electrolytic capacitors are generally not recommended
for use with the LM2794/5 due to their high ESR, as com-
pared to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R
temperature characteristic are preferred for use with the
LM2794/5. These capacitors have tight capacitance toler-
ance (as good as ±10%), hold their value over temperature
(X7R: ±15% over −55˚C to 125˚C; X5R: ±15% over −55˚C
to 85˚C), and typically have little voltage coefficient. Capaci-
tors with Y5V or Z5U temperature characteristic are gener-
ally not recommended for use with the LM2794/5. Capaci-
tors with these temperature characteristics typically have
wide capacitance tolerance (+80%, −20%), vary significantly
over temperature (Y5V: +22%, −82% over −30˚C to +85˚C
range; Z5U: +22%, −56% over +10˚C to +85˚C range), and
have poor voltage coefficients. Under some conditions, a
nominal 1µF Y5V or Z5U capacitor could have a capacitance
of only 0.1µF. Such detrimental deviation is likely to cause
Y5V and Z5U capacitors to fail to meet the minimum capaci-
tance requirements of the LM2794/5. Table 1 lists suggested
capacitor suppliers for the typical application circuit.
TABLE 1. Ceramic Capacitor Manufacturers
Manufacturer
Contact
TDK
www.component.tdk.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
LED SELECTION
The LM2794/5 is designed to drive LEDs with a forward
voltage of about 3.0V to 4.0V. The typical and maximum
diode forward voltage depends highly on the manufacturer
and their technology. Table 2 lists two suggested manufac-
turers. Forward current matching is assured over the LED
process variations due to the constant current output of the
LM2794/5.
TABLE 2. White LED Selection
Manufacturer
Contact
Osram
www.osram-os.com
Nichia
www.nichia.com
I
SET AND BRGT PINS
An external resistor, R
SET, is connected to the ISET pin to set
the current to be mirrored in each of the LED outputs. The
internal current mirror sets each LED output current with a
10:1 ratio to the current through R
SET. The current mirror
circuitry matches the current through each LED to within
0.5%.
In addition to R
SET, a voltage may be applied to the VBRGT
pin to vary the LED current. By adjusting current with the
Brightness pin (BRGT), the brightness of the LEDs can be
smoothly varied.
Applying a voltage on BRGT between 0 to 3 volts will linearly
vary the LED current. Voltages above 3V do not increase the
LED current any further. The voltage on the V
BRGT pin is fed
into an internal resistor network with a ratio of 0.385. The
resulting voltage is then summed with a measured offset
voltage of 0.188V, which comes from the reference voltage
being fed through a resistor network (See Functional Block
Diagram). The brightness control circuitry then uses the
summed voltage to control the voltage across R
SET.An
equation for approximating the LED current is:
20028540
20028536
FIGURE 1. Open-Drain Logic Shutdown Control
www.national.com
10


Similar Part No. - LM2794TLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2794TL/NOPB TI1-LM2794TL/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
More results

Similar Description - LM2794TLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2794 TI1-LM2794_14 Datasheet
1Mb / 21P
[Old version datasheet]   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com