Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30-FT123BA040MR-L878L08 Datasheet(PDF) 5 Page - Vincotech

Part # 30-FT123BA040MR-L878L08
Description  Low inductive package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

30-FT123BA040MR-L878L08 Datasheet(HTML) 5 Page - Vincotech

  30-FT123BA040MR-L878L08 Datasheet HTML 1Page - Vincotech 30-FT123BA040MR-L878L08 Datasheet HTML 2Page - Vincotech 30-FT123BA040MR-L878L08 Datasheet HTML 3Page - Vincotech 30-FT123BA040MR-L878L08 Datasheet HTML 4Page - Vincotech 30-FT123BA040MR-L878L08 Datasheet HTML 5Page - Vincotech 30-FT123BA040MR-L878L08 Datasheet HTML 6Page - Vincotech 30-FT123BA040MR-L878L08 Datasheet HTML 7Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
30-FT123BA040MR-L878L08
target datasheet
20 Apr. 2016 / Revision 1
5
Copyright Vincotech
Date code
UL & VIN
Lot
Serial
WWYY
UL VIN
LLLLL
SSSS
Type&Ver
Lot number
Serial
Date code
TTTTTTTVV
LLLLL
SSSS
WWYY
Pin
X
Y
Func tion
Pin
X
Y
1
69,1
0
G29
30
0
26,1
2
66,1
0
S29
31
0
35,2
3
53,6
0
Therm31
32
2,5
35,2
4
50,6
0
Therm32
33
5
35,2
5
43,8
0
G27
34
13,8
35,2
6
40,8
0
S27
35
16,3
35,2
7
28,3
0
Therm21
36
25,3
35,2
8
25,3
0
Therm22
37
27,8
35,2
9
18,5
0
G25
38
30,3
35,2
10
15,5
0
S25
39
39,1
35,2
11
3
0
Therm11
40
41,6
35,2
12
0
0
Therm12
41
50,6
35,2
13
0
4,1
DC-Boost1
42
53,1
35,2
14
0
6,6
DC-Boost1
43
55,6
35,2
15
0
9,1
DC-Boost1
44
64,4
35,2
16
25,3
4,1
DC-Boost2
45
66,9
35,2
17
25,3
6,6
DC-Boost2
18
25,3
9,1
DC-Boost2
19
50,6
4,1
DC-Boost3
20
50,6
6,6
DC-Boost3
21
50,6
9,1
DC-Boost3
22
50,6
21,1
DC+Boost3
23
50,6
23,6
DC+Boost3
24
50,6
26,1
DC+Boost3
25
25,3
21,1
DC+Boost2
26
25,3
23,6
DC+Boost2
27
25,3
26,1
DC+Boost2
28
0
21,1
DC+Boost1
29
0
23,6
DC+Boost1
Ordering Code
30-FT123BA040MR-L878L08
Func tion
DC+Boost1
Pin table [mm]
Name
NN-NNNNNNNNNNNNNN-TTTTTTVV
Outline
Text
Datamatrix
Version
without thermal paste 13mm housing with solder pins
Pin table [mm]
Ordering Code & Marking
DC+In2
Boost3
Boost3
Boost3
DC+In3
DC+In3
Boost1
Boost1
Boost1
DC+In1
DC+In1
Boost2
Boost2
Boost2
DC+In2
NN-NNNNNNNNNNNNNN
TTTTTTVV WWYY UL
VIN LLLLL SSSS


Similar Part No. - 30-FT123BA040MR-L878L08

ManufacturerPart #DatasheetDescription
logo
Vincotech
30-FT12NMA160SH-M669F08 VINCOTECH-30-FT12NMA160SH-M669F08 Datasheet
3Mb / 31P
   Common collector neutral connection
30-FT12NMA160SH02-M669F28 VINCOTECH-30-FT12NMA160SH02-M669F28 Datasheet
1Mb / 32P
   Reactive power capability
30-FT12NMA200SH-M660F08 VINCOTECH-30-FT12NMA200SH-M660F08 Datasheet
3Mb / 31P
   Common collector neutral connection
More results

Similar Description - 30-FT123BA040MR-L878L08

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FY064PA050SG10-M582F08 VINCOTECH-10-FY064PA050SG10-M582F08 Datasheet
1Mb / 16P
   Low inductive 12mm flow1 package
10-FY07BIA041MC-M528E58 VINCOTECH-10-FY07BIA041MC-M528E58 Datasheet
2Mb / 25P
   Low inductive 12mm flow1 package
10-FY07BIA041MF-M528E68 VINCOTECH-10-FY07BIA041MF-M528E68 Datasheet
2Mb / 25P
   Low inductive 12mm flow1 package
10-FY06RIA080MF-M537D68 VINCOTECH-10-FY06RIA080MF-M537D68 Datasheet
3Mb / 31P
   Low inductive 12mm flow1 package
10-FY06BIA050SG-M523E18 VINCOTECH-10-FY06BIA050SG-M523E18 Datasheet
9Mb / 27P
   Low inductive 12mm flow1 package
10-FY06BIA080MF-M527E58 VINCOTECH-10-FY06BIA080MF-M527E58 Datasheet
2Mb / 25P
   Low inductive 12mm flow1 package
logo
TT Electronics.
BPC TTELEC-BPC Datasheet
274Kb / 2P
   Non-Inductive planar package
logo
Vincotech
V23990-P624-F24-P2-14 VINCOTECH-V23990-P624-F24-P2-14 Datasheet
1Mb / 14P
   Low inductive design
FZ06BIA045FH02 VINCOTECH-FZ06BIA045FH02 Datasheet
3Mb / 30P
   Low inductive design
logo
Semikron International
SK50DGDL066ETE2 SEMIKRON-SK50DGDL066ETE2 Datasheet
355Kb / 6P
   Low inductive design
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com