Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB-181N Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SMB-181N
Description  SURFACE MOUNT GLASS TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMB-181N Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMB-181N Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMB-181N Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMB
501
M
DC Spark-Over Voltage Accuracy ±20
DC Spark-Over Voltage 500V
Dimension:Diameterφ2.6
Length 5.0mm
2 of 2


Similar Part No. - SMB-181N

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
SMB-181N HUAXINAN-SMB-181N Datasheet
193Kb / 2P
   Surge Absorbers
SMB-181N HUAXINAN-SMB-181N Datasheet
294Kb / 5P
   SMB Series
More results

Similar Description - SMB-181N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HGL341A LUGUANG-HGL341A Datasheet
612Kb / 2P
   SURFACE MOUNT GLASS
logo
NIC-Components Corp.
NGTM NIC-NGTM Datasheet
341Kb / 3P
   Surface Mount Gas Discharge Tube
NGTC NIC-NGTC Datasheet
303Kb / 3P
   Surface Mount Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R1100A-5S SUNMATE-3R1100A-5S Datasheet
539Kb / 2P
   SURFACE MOUNT GAS DISCHARGE TUBE
logo
NIC-Components Corp.
NGTA NIC-NGTA Datasheet
295Kb / 3P
   Surface Mount Gas Discharge Tube
NGTF NIC-NGTF Datasheet
322Kb / 3P
   Surface Mount Gas Discharge Tube
NGTD NIC-NGTD Datasheet
191Kb / 3P
   Surface Mount Gas Discharge Tube
logo
Leshan Radio Company
HFM103 LRC-HFM103_15 Datasheet
179Kb / 4P
   Surface Mount Glass Passivated
FM4937 LRC-FM4937_15 Datasheet
272Kb / 4P
   Surface Mount Glass Passivated
logo
Chenmko Enterprise Co. ...
HBM21PT CHENMKO-HBM21PT Datasheet
215Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com