Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6S11CA Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SM6S11CA
Description  SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM6S11CA Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SM6S11CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM6S11CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM6S11CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
POWER: 4600Wa t t s
VOLTAGE RANGE: 10 - 36V
260C for 10 seconds at terminals
SM6S10A(CA) - SM6S36A(CA)
1 of 3
Maximum Ratings and Thermal Characteristics (TC = 25°C unless otherwise noted)
Peak pulse power dissipation with 10/1000
µs waveform
4600
10/10,000
µs waveform
PPPM
3600
W
Steady state power dissipation
PD
6.0
W
Peak pulse current with a 10/1000
µs waveform (NOTE 1)
IPPM
See Table 1
A
Peak forward surge current, 8.3ms single half sine-wave
IFSM
600
A
Typical thermal resistance junction to case
R
ΘJC
0.95
°C/W
Operating junction and storage temperature range
TJ, TSTG
–55 to +175
°C
Notes: (1) Non-repetitive current pulse derated above TA=25°C
Flammability Classification 94V-0
resistance for maximum heat dissipation
Features
Mechanical Data
0.093(2.4)
0.116(3.0)
0.059(1.5)
0.098(2.5)
0.098(2.5)
0.138(3.5)
0.366(9.3)
0.343(8.7)
0.406(10.3)
0.382(9.7)
0.342(8.7)
0.327(8.3)
0.413(10.5)
0.374(9.5)
0.539(13.7)
0.524(13.3)
LEAD 2/METAL HEATSINK
0.020(0.5)
0.028(0.7)
0.016 (0.4) Min.
0.197(5.0)
0.185(4.7)
LEAD 1
0.628(16.0)
0.592(15.0)
DO-218AB
Dimensions in
inches and (millimeters)
www.sunmate.tw
!
!
!
!
Plastic package has Underwriters Laboratory
Ideally suited for load dump protection
!
Low leakage current at TJ = 175°C
!
High temperature soldering guaranteed:
!
!
Case: DO-218AB
Mounting Position: Any
Weight: 0.091 oz., 2.58 g
Symbol
Value
Unit
Integrally molded heatsink provides a very low thermal
O
Characteristic


Similar Part No. - SM6S11CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SM6S11CA LEIDITECH-SM6S11CA Datasheet
1Mb / 6P
   4600W Transient Voltage Suppressor
logo
HuaXinAn Electronics CO...
SM6S11CA HUAXINAN-SM6S11CA Datasheet
364Kb / 4P
   4600W Transient Voltage Suppressors
More results

Similar Description - SM6S11CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SM5S10A SUNMATE-SM5S10A Datasheet
542Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
SM5S10CA SUNMATE-SM5S10CA Datasheet
239Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
SLCB6.5A SUNMATE-SLCB6.5A Datasheet
548Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLAGE SUPPRESSOR
SM6S10A SUNMATE-SM6S10A Datasheet
629Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR3
logo
General Semiconductor
TPSMB6.8 GE-TPSMB6.8 Datasheet
65Kb / 4P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
TPSMC6.8 GE-TPSMC6.8 Datasheet
64Kb / 4P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM8A27 VISHAY-SM8A27 Datasheet
33Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressor
01-Aug-02
logo
General Semiconductor
SM5A27 GE-SM5A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
SM6A27 GE-SM6A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
TPSMC43A EIC-TPSMC43A_12 Datasheet
165Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com