Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT245A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HCT245A
Description  Octal 3-State Noninverting Bus Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT245A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HCT245A_16 Datasheet HTML 1Page - ON Semiconductor MC74HCT245A_16 Datasheet HTML 2Page - ON Semiconductor MC74HCT245A_16 Datasheet HTML 3Page - ON Semiconductor MC74HCT245A_16 Datasheet HTML 4Page - ON Semiconductor MC74HCT245A_16 Datasheet HTML 5Page - ON Semiconductor MC74HCT245A_16 Datasheet HTML 6Page - ON Semiconductor MC74HCT245A_16 Datasheet HTML 7Page - ON Semiconductor MC74HCT245A_16 Datasheet HTML 8Page - ON Semiconductor MC74HCT245A_16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 12
1
Publication Order Number:
MC74HCT245A/D
MC74HCT245A
Octal 3-State Noninverting
Bus Transceiver with LSTTL
Compatible Inputs
High−Performance Silicon−Gate CMOS
The MC74HCT245A is identical in pinout to the LS245. This
device may be used as a level converter for interfacing TTL or NMOS
outputs to High Speed CMOS inputs.
The MC74HCT245A is a 3−state noninverting transceiver that is
used for 2−way asynchronous communication between data buses.
The device has an active−low Output Enable pin, which is used to
place the I/O ports into high−impedance states. The Direction control
determines whether data flows from A to B or from B to A.
Features
Output Drive Capability: 15 LSTTL Loads
TTL/NMOS Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 4.5 V to 5.5 V
Low Input Current: 1.0 mA
In Compliance with the Requirements Defined by JEDEC Standard
No. 7 A
Chip Complexity: 304 FETs or 76 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
Figure 1. Logic Diagram
A
DATA
PORT
A8
A7
A6
A5
A3
A4
A2
A1
9
8
7
6
5
4
3
2
DIRECTION
OUTPUT ENABLE
1
19
PIN 20 = VCC
PIN 10 = GND
18
17
16
15
14
13
12
11
B1
B2
B3
B4
B5
B6
B7
B8
B
DATA
PORT
Design Criteria
Value
Units
Internal Gate Count*
76
ea
Internal Gate Propagation Delay
1.0
ns
Internal Gate Power Dissipation
5.0
mW
Speed Power Product
0.005
pJ
*Equivalent to a two−input NAND gate.
FUNCTION TABLE
Control Inputs
Operation
Output Enable Direction
L
L
Data Transmitted from Bus B to Bus A
L
H
Data Transmitted from Bus A to Bus B
H
X
Buses Isolated (High−Impedance State)
X = Don’t Care
PIN ASSIGNMENT
A5
A3
A2
A1
DIRECTION
GND
A8
A7
A6
A4
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
B3
B2
B1
OUTPUT ENABLE
VCC
B8
B7
B6
B5
B4
http://onsemi.com
See detailed ordering, shipping information, and marking
information in the package dimensions section on page 6 of
this data sheet.
ORDERING INFORMATION
SOIC−20W
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
F SUFFIX
CASE 967
1
1
1
PDIP−20
N SUFFIX
CASE 738
1


Similar Part No. - MC74HCT245A_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT245ADT ONSEMI-MC74HCT245ADT Datasheet
180Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT245ADT ONSEMI-MC74HCT245ADT Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT245ADTG ONSEMI-MC74HCT245ADTG Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT245ADTR2 ONSEMI-MC74HCT245ADTR2 Datasheet
180Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT245ADTR2 ONSEMI-MC74HCT245ADTR2 Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
More results

Similar Description - MC74HCT245A_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC245A ONSEMI-MC74HC245A Datasheet
129Kb / 10P
   Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
logo
Integral Corp.
IN74LV623 INTEGRAL-IN74LV623 Datasheet
133Kb / 5P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
KODENSHI_AUK CORP.
KK74LS245 KODENSHI-KK74LS245 Datasheet
349Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
KK74LV623 KODENSHI-KK74LV623 Datasheet
270Kb / 6P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
System Logic Semiconduc...
SL74LS245 SLS-SL74LS245 Datasheet
44Kb / 4P
   Octal 3-State Noninverting Bus Transceiver
logo
Integral Corp.
IN74LS245 INTEGRAL-IN74LS245 Datasheet
332Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
IN74ACT623 INTEGRAL-IN74ACT623 Datasheet
189Kb / 5P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LS245 IKSEMICON-IN74LS245 Datasheet
259Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
logo
System Logic Semiconduc...
SL74HC245 SLS-SL74HC245 Datasheet
49Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
logo
Integral Corp.
IN74HC245 INTEGRAL-IN74HC245 Datasheet
110Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
IN74HC623 INTEGRAL-IN74HC623 Datasheet
108Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com