Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT4852ADR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74HCT4852ADR2G
Description  Analog Multiplexers/ Demultiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4852ADR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74HCT4852ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT4852ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT4852ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT4852ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT4852ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HCT4852ADR2G Datasheet HTML 9Page - ON Semiconductor MC74HCT4852ADR2G Datasheet HTML 10Page - ON Semiconductor MC74HCT4852ADR2G Datasheet HTML 11Page - ON Semiconductor MC74HCT4852ADR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC74HCT4851A, MC74HCT4852A
www.onsemi.com
8
Figure 15. Propagation Delays, Analog In
to Analog Out
Figure 16. Propagation Delay, Test Set−Up
Analog In to Analog Out
Figure 17. Propagation Delays, Enable to
Analog Out
Figure 18. Propagation Delay, Test Set−Up
Enable to Analog Out
VCC
GND
ANALOG
IN
(VI)
ANALOG
OUT
50%
tPLH
tPHL
50%
ON
6
8
16
VCC
CL*
*Includes all probe and jig capacitance
TEST
POINT
COMMON O/I
ANALOG I/O
ON/OFF
6
8
ENABLE
VCC
ENABLE
(VI)
90%
VM
10%
tf
tr
VCC
GND
ANALOG
OUT
tPZL
ANALOG
OUT
tPZH
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
10%
90%
tPLZ
tPHZ
50%
50%
ANALOG I/O
CL*
TEST
POINT
16
VCC
10k
W
1
2
1
2
POSITION 1 WHEN TESTING tPHZ AND tPZH
POSITION 2 WHEN TESTING tPLZ AND tPZL
Figure 19. Power Dissipation Capacitance,
Test Set−Up
VI = GND to 3.0 V
VM = 1.3 V
VI = GND to 3.0 V
VM = 1.3 V
6
8
16
VCC
CHANNEL SELECT
NC
COMMON O/I
ANALOG I/O
VCC
A
11
VCC


Similar Part No. - MC74HCT4852ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT4852ADR2G ONSEMI-MC74HCT4852ADR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4852ADR2G ONSEMI-MC74HCT4852ADR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
More results

Similar Description - MC74HCT4852ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com