Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC652 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74AC652
Description  Octal Transceiver/Register with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC652 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74AC652 Datasheet HTML 2Page - ON Semiconductor MC74AC652 Datasheet HTML 3Page - ON Semiconductor MC74AC652 Datasheet HTML 4Page - ON Semiconductor MC74AC652 Datasheet HTML 5Page - ON Semiconductor MC74AC652 Datasheet HTML 6Page - ON Semiconductor MC74AC652 Datasheet HTML 7Page - ON Semiconductor MC74AC652 Datasheet HTML 8Page - ON Semiconductor MC74AC652 Datasheet HTML 9Page - ON Semiconductor MC74AC652 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC74AC652, MC74ACT652
www.onsemi.com
6
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Min
Max
Min
Max
tPLH
Propagation Delay
CPBA or CPAB to An or Bn
3.0
4.0
17.0
3.0
19.0
ns
5.0
2.5
12.0
2.0
14.0
tPHL
Propagation Delay
CPBA or CPAB to An or Bn
3.0
3.0
14.5
2.5
16.5
ns
5.0
2.0
10.5
1.5
12.0
tPLH
Propagation Delay
A or B to Bn or An
3.0
3.0
14.0
2.5
16.0
ns
5.0
2.0
9.5
1.5
11.0
tPHL
Propagation Delay
A or B to Bn or An
3.0
2.5
13.0
2.0
15.0
ns
5.0
1.5
9.0
1.0
10.5
tPLH
Propagation Delay
SBA or SAB to An or Bn
3.0
3.0
14.0
2.5
16.0
ns
5.0
2.5
10.0
2.0
11.5
tPHL
Propagation Delay
SBA or SAB to An or Bn
3.0
2.5
13.5
2.0
15.5
ns
5.0
2.0
10.0
1.5
11.5
tPZH
Output Enable Time
OEBA to An
3.0
2.5
12.0
2.0
13.5
ns
5.0
1.5
9.0
1.0
10.0
tPZL
Output Enable Time
OEBA to An
3.0
2.5
12.0
2.0
14.0
ns
5.0
1.5
9.0
1.0
10.5
tPHZ
Output Disable Time
OEBA to An
3.0
3.0
13.0
2.5
14.0
ns
5.0
2.0
11.0
1.5
12.0
tPLZ
Output Disable Time
OEBA to An
3.0
2.5
12.5
2.0
14.0
ns
5.0
2.0
10.5
1.5
12.0
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74AC652

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC652 ONSEMI-MC74AC652 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
logo
Motorola, Inc
MC74AC652DW MOTOROLA-MC74AC652DW Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC652DW ONSEMI-MC74AC652DW Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
MC74AC652DWR2 ONSEMI-MC74AC652DWR2 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
More results

Similar Description - MC74AC652

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com