Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LSXXJ Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LSXXJ
Description  4-BIT D LATCH LOW POWER SCHOTTKY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LSXXJ Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LSXXJ Datasheet HTML 1Page - Motorola, Inc SN54LSXXJ Datasheet HTML 2Page - Motorola, Inc SN54LSXXJ Datasheet HTML 3Page - Motorola, Inc SN54LSXXJ Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NOTES:
tn = bit time before enable
negative-going transition
tn+1 = bit time after enable
negative-going transition
5-1
FAST AND LS TTL DATA
4-BIT D LATCH
The TTL/MSI SN54 / 74LS75 and SN54 / 74LS77 are latches used as tem-
porary storage for binary information between processing units and input /out-
put or indicator units. Information present at a data (D) input is transferred to
the Q output when the Enable is HIGH and the Q output will follow the data
input as long as the Enable remains HIGH. When the Enable goes LOW, the
information (that was present at the data input at the time the transition oc-
curred) is retained at the Q output until the Enable is permitted to go HIGH.
The SN54 / 74LS75 features complementary Q and Q output from a 4-bit
latch and is available in the 16-pin packages. For higher component density
applications the SN54 / 74LS77 4-bit latch is available in the 14-pin package
with Q outputs omitted.
14
13
12
11
10
9
1
2345
6
7
16
15
8
CONNECTION DIAGRAMS DIP (TOP VIEW)
SN54 / 74LS75
14
13
12
11
10
9
123456
8
7
SN54 / 74LS77
Q0
Q0
Q1
Q1
E0–1 GND
Q2
Q2
Q3
D0
D1
E2–3 VCC
D2
D3
Q3
Q0
Q1
E0–1 GND
NC
Q2
Q3
D0
D1
E2–3 VCC
D2
D3
NC
PIN NAMES
LOADING (Note a)
HIGH
LOW
D1–D4
E0–1
E2–3
Q1–Q4
Q1–Q4
Data Inputs
Enable Input Latches 0, 1
Enable Input Latches 2, 3
Latch Outputs (Note b)
Complimentary Latch Outputs (Note b)
0.5 U.L.
2.0 U.L.
2.0 U.L.
10 U.L.
10 U.L.
0.25 U.L.
1.0 U.L.
1.0 U.L.
5 (2.5) U.L.
5 (2.5) U.L.
NOTES:
a) 1 Unit Load (U.L.) = 40
µA HIGH.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
Temperature Ranges.
TRUTH TABLE
(Each latch)
tn
tn+1
D
H
L
Q
H
L
SN54/74LS75
SN54/74LS77
4-BIT D LATCH
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - SN54LSXXJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LSXXJ MOTOROLA-SN54LSXXJ Datasheet
34Kb / 2P
   HEX INVERTER
logo
ON Semiconductor
SN54LSXXJ ONSEMI-SN54LSXXJ Datasheet
172Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
logo
Motorola, Inc
SN54LSXXJ MOTOROLA-SN54LSXXJ Datasheet
40Kb / 3P
   ONE-OF-TEN DECODER LOW POWER SCHOTTKY
More results

Similar Description - SN54LSXXJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
   4-BIT D LATCH
SN54LS375 MOTOROLA-SN54LS375 Datasheet
163Kb / 5P
   4-BIT D LATCH
logo
STMicroelectronics
M74HC77 STMICROELECTRONICS-M74HC77 Datasheet
241Kb / 10P
   4-BIT D-TYPE LATCH
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
   4-BIT D-TYPE LATCH
M54HCT75 STMICROELECTRONICS-M54HCT75 Datasheet
239Kb / 9P
   4 BIT D TYPE LATCH
M74HCT75-2 STMICROELECTRONICS-M74HCT75-2 Datasheet
280Kb / 9P
   4 BIT D TYPE LATCH
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
December 1992
M74HC75-1 STMICROELECTRONICS-M74HC75-1 Datasheet
268Kb / 10P
   4 BIT D TYPE LATCH
August 2001
logo
Toshiba Semiconductor
TC74HC375AP TOSHIBA-TC74HC375AP Datasheet
318Kb / 9P
   4-Bit D Type Latch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com