Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT646DWG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74ACT646DWG
Description  Octal Transceiver/Register with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT646DWG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74ACT646DWG Datasheet HTML 1Page - ON Semiconductor MC74ACT646DWG Datasheet HTML 2Page - ON Semiconductor MC74ACT646DWG Datasheet HTML 3Page - ON Semiconductor MC74ACT646DWG Datasheet HTML 4Page - ON Semiconductor MC74ACT646DWG Datasheet HTML 5Page - ON Semiconductor MC74ACT646DWG Datasheet HTML 6Page - ON Semiconductor MC74ACT646DWG Datasheet HTML 7Page - ON Semiconductor MC74ACT646DWG Datasheet HTML 8Page - ON Semiconductor MC74ACT646DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74AC646, MC74ACT646
www.onsemi.com
4
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
−0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
−0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND) (Note 1)
−0.5 to VCC +0.5
V
IIK
DC Input Diode Current
±20
mA
IOK
DC Output Diode Current
±50
mA
IOUT
DC Output Sink/Source Current
±50
mA
ICC
DC Supply Current, per Output Pin
±50
mA
IGND
DC Ground Current, per Output Pin
±100
mA
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature Under Bias
140
_C
qJA
Thermal Resistance (Note 2)
59.8
_C/W
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 3)
Machine Model (Note 4)
Charged Device Model (Note 5)
> 2000
> 200
> 1000
V
ILatchup
Latchup Performance
Above VCC and Below GND at 85_C (Note 6)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IOUT absolute maximum rating must be observed.
2. The package thermal impedance is calculated in accordance with JESD 51−7.
3. Tested to EIA/JESD22−A114−A.
4. Tested to EIA/JESD22−A115−A.
5. Tested to JESD22−C101−A.
6. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
′AC
2.0
5.0
6.0
V
′ACT
4.5
5.0
5.5
Vin, Vout
DC Input Voltage, Output Voltage (Ref. to GND)
0
VCC
V
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 3.0 V
150
VCC @ 4.5 V
40
ns/V
VCC @ 5.5 V
25
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 4.5 V
10
ns/V
VCC @ 5.5 V
8.0
TA
Operating Ambient Temperature Range
−40
25
85
°C
IOH
Output Current − High
−24
mA
IOL
Output Current − Low
24
mA
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
1. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.


Similar Part No. - MC74ACT646DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT646DW ONSEMI-MC74ACT646DW Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
Motorola, Inc
MC74ACT646DW MOTOROLA-MC74ACT646DW Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74ACT646DW ONSEMI-MC74ACT646DW Datasheet
161Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74ACT646DW ONSEMI-MC74ACT646DW Datasheet
154Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74ACT646DWR2 ONSEMI-MC74ACT646DWR2 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
More results

Similar Description - MC74ACT646DWG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com