Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC374DWG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74AC374DWG
Description  Octal D-Type Flip-Flop with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC374DWG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74AC374DWG Datasheet HTML 2Page - ON Semiconductor MC74AC374DWG Datasheet HTML 3Page - ON Semiconductor MC74AC374DWG Datasheet HTML 4Page - ON Semiconductor MC74AC374DWG Datasheet HTML 5Page - ON Semiconductor MC74AC374DWG Datasheet HTML 6Page - ON Semiconductor MC74AC374DWG Datasheet HTML 7Page - ON Semiconductor MC74AC374DWG Datasheet HTML 8Page - ON Semiconductor MC74AC374DWG Datasheet HTML 9Page - ON Semiconductor MC74AC374DWG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC74AC374, MC74ACT374
www.onsemi.com
7
AC OPERATING REQUIREMENTS (For Figures and Waveforms − See AND8277/D at www.onsemi.com)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
Dn to CP
5.0
1.0
5.0
5.5
ns
3−9
th
Hold Time, HIGH or LOW
Dn to CP
5.0
0
1.5
1.5
ns
3−9
tw
CP Pulse Width
HIGH or LOW
5.0
2.5
5.0
5.0
ns
3−6
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
80
pF
VCC = 5.0 V
MARKING DIAGRAMS
SOIC−20W
TSSOP−20
1
20
AC
374
ALYW
G
G
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
20
ACT
374
ALYW
G
G
20
1
ACT374
AWLYYWWG
20
1
AC374
AWLYYWWG


Similar Part No. - MC74AC374DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC374DWG ONSEMI-MC74AC374DWG Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results

Similar Description - MC74AC374DWG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com