Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC273DWG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74AC273DWG
Description  Octal D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC273DWG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74AC273DWG Datasheet HTML 1Page - ON Semiconductor MC74AC273DWG Datasheet HTML 2Page - ON Semiconductor MC74AC273DWG Datasheet HTML 3Page - ON Semiconductor MC74AC273DWG Datasheet HTML 4Page - ON Semiconductor MC74AC273DWG Datasheet HTML 5Page - ON Semiconductor MC74AC273DWG Datasheet HTML 6Page - ON Semiconductor MC74AC273DWG Datasheet HTML 7Page - ON Semiconductor MC74AC273DWG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74AC273, MC74ACT273
www.onsemi.com
4
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
TA = +25°C
TA = −40°C to +85°C
Typ
Guaranteed Limits
VIH
Minimum High Level Input Voltage
3.0
4.5
5.5
1.5
2.25
2.75
2.1
3.15
3.85
2.1
3.15
3.85
V
VOUT = 0.1 V
or VCC − 0.1 V
VIL
Maximum Low Level Input Voltage
3.0
4.5
5.5
1.5
2.25
2.75
0.9
1.35
1.65
0.9
1.35
1.65
V
VOUT = 0.1 V
or VCC − 0.1 V
VOH
Minimum High Level Output Voltage
3.0
4.5
5.5
2.99
4.49
5.49
2.9
4.4
5.4
2.9
4.4
5.4
V
IOUT = −50 mA
3.0
4.5
5.5
2.56
3.86
4.86
2.46
3.76
4.76
V
*VIN = VIL or VIH
−12 mA
IOH
−24 mA
−24 mA
VOL
Maximum Low Level Output Voltage
3.0
4.5
5.5
0.002
0.001
0.001
0.1
0.1
0.1
0.1
0.1
0.1
V
IOUT = 50 mA
3.0
4.5
5.5
0.36
0.36
0.36
0.44
0.44
0.44
V
*VIN = VIL or VIH
12 mA
IOL
24 mA
24 mA
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
IOLD
IOHD
†Minimum Dynamic Output Current
5.5
5.5
75
−75
mA
VOLD = 1.65 V Max
VOHD = 3.85 V Min
ICC
Maximum Quiescent Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE:
Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Figure
No.
TA = +25°C CL = 50 pF
TA = −40°C to +85°C CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Clock
Frequency
3.3
5.0
90
140
125
175
75
125
Mhz
3−3
tPLH
Propagation Delay
Clock to Output
3.3
5.0
4.0
3.0
7.0
5.5
12.5
9.0
3.0
2.5
14.0
10.0
ns
3−6
tPHL
Propagation Delay
Clock to Output
3.3
5.0
4.0
3.0
7.0
5.0
13.0
10.0
3.5
2.5
14.5
11.0
ns
3−6
tPHL
Propagation Delay
MR to Output
3.3
5.0
4.0
3.0
7.0
5.0
13.0
10.0
3.5
2.5
14.0
10.5
ns
3−6
*Voltage Range 3.3 V is 3.3 V
±0.3 V. Voltage Range 5.0 V is 5.0 V ±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Figure
No.
TA = +25°C CL = 50 pF
TA = −40°C to +85°C CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
Data to CP
3.3
5.0
3.5
2.5
5.5
4.0
6.0
4.5
ns
3−9
th
Hold Time, HIGH or LOW
Data to CP
3.3
5.0
−2.0
−1.0
0
1.0
0
1.0
ns
3−9
tw
Clock Pulse Width
HIGH or LOW
3.3
5.0
3.5
2.5
5.5
4.0
6.0
4.5
ns
3−6
tw
MR Pulse Width
HIGH or LOW
3.3
5.0
2.0
1.5
5.5
4.0
6.0
4.5
ns
3−6
trec
Recovery Time
MR to CP
3.3
5.0
1.5
1.0
3.5
2.0
4.5
3.0
ns
3−9
*Voltage Range 3.3 V is 3.3 V
±0.3 V. Voltage Range 5.0 V is 5.0 V ±0.5 V.


Similar Part No. - MC74AC273DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC273DWG ONSEMI-MC74AC273DWG Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
More results

Similar Description - MC74AC273DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
74FCT273 NSC-74FCT273 Datasheet
168Kb / 8P
   Octal D Flip-Flop
logo
NXP Semiconductors
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com