Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT373DWG Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74ACT373DWG
Description  Octal Transparent Latch with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT373DWG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74ACT373DWG Datasheet HTML 2Page - ON Semiconductor MC74ACT373DWG Datasheet HTML 3Page - ON Semiconductor MC74ACT373DWG Datasheet HTML 4Page - ON Semiconductor MC74ACT373DWG Datasheet HTML 5Page - ON Semiconductor MC74ACT373DWG Datasheet HTML 6Page - ON Semiconductor MC74ACT373DWG Datasheet HTML 7Page - ON Semiconductor MC74ACT373DWG Datasheet HTML 8Page - ON Semiconductor MC74ACT373DWG Datasheet HTML 9Page - ON Semiconductor MC74ACT373DWG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC74AC373, MC74ACT373
www.onsemi.com
8
ORDERING INFORMATION
Device
Package
Shipping
MC74AC373DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74AC373DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74ACT373DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74ACT373DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74AC373DTG
TSSOP−20
(Pb−Free)
75 Units / Rail
MC74AC373DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
MC74ACT373DTG
TSSOP−20
(Pb−Free)
75 Units / Rail
MC74ACT373DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MARKING DIAGRAMS
SOIC−20W
TSSOP−20
1
20
AC
373
ALYW
G
G
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
20
ACT
373
ALYW
G
G
20
1
ACT373
AWLYYWWG
20
1
AC373
AWLYYWWG


Similar Part No. - MC74ACT373DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT373DWG ONSEMI-MC74ACT373DWG Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results

Similar Description - MC74ACT373DWG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com