Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC374ADTR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74LVC374ADTR2G
Description  Low-Voltage CMOS Octal D-Type Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC374ADTR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 74LVC374ADTR2G Datasheet HTML 2Page - ON Semiconductor 74LVC374ADTR2G Datasheet HTML 3Page - ON Semiconductor 74LVC374ADTR2G Datasheet HTML 4Page - ON Semiconductor 74LVC374ADTR2G Datasheet HTML 5Page - ON Semiconductor 74LVC374ADTR2G Datasheet HTML 6Page - ON Semiconductor 74LVC374ADTR2G Datasheet HTML 7Page - ON Semiconductor 74LVC374ADTR2G Datasheet HTML 8Page - ON Semiconductor 74LVC374ADTR2G Datasheet HTML 9Page - ON Semiconductor 74LVC374ADTR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74LVC374A
www.onsemi.com
7
WAVEFORM 3 − PULSE WIDTH
tR = tF = 2.5 ns (or fast as required) from 10% to 90%;
Output requirements: VOL ≤ 0.8 V, VOH ≥ 2.0 V
2.7 V
0 V
2.7 V
0 V
1.5 V
1.5 V
tw
1.5 V
1.5 V
tw
WAVEFORM 2 − OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
2.7 V
0 V
≈ 0 V
OE
On
tPZH
≈ 3.0 V
tPHZ
tPZL
tPLZ
On
1.5V
1.5V
1.5 V
VCC
VOH - 0.3 V
VOL + 0.3 V
GND
1.5 V
CP
CP
WAVEFORM 1 − PROPAGATION DELAYS,
SETUP AND HOLD TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
2.7 V
0 V
Dn
CP
1.5 V
On
2.7 V
0V
VOH
VOL
tPLH, tPHL
th
ts
1.5 V
1.5 V
fmax
Symbol
VCC
3.3 V
± 0.3 V
2.7 V
VCC < 2.7 V
Vmi
1.5 V
1.5 V
VCC/2
Vmo
1.5 V
1.5 V
VCC/2
VHZ
VOL + 0.3 V
VOL + 0.3 V
VOL + 0.15 V
VLZ
VOH − 0.3 V
VOH − 0.3 V
VOH − 015 V
Figure 3. AC Waveforms


Similar Part No. - 74LVC374ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC374ADTR2G ONSEMI-74LVC374ADTR2G Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
More results

Similar Description - 74LVC374ADTR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX574 MOTOROLA-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ574 MOTOROLA-MC74LVQ574 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_14 Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com