Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-NUCLEO-IDS01A4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # X-NUCLEO-IDS01A4
Description  Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-NUCLEO-IDS01A4 Datasheet(HTML) 4 Page - STMicroelectronics

  X-NUCLEO-IDS01A4 Datasheet HTML 1Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 2Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 3Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 4Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 5Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 6Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 7Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 8Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Description
UM1872
4/21
DocID027622 Rev 2
• Industrial monitoring and control
• Wireless fire and security alarm systems
1.2
Abbreviations
Table 2. Abbreviation
Term
Meaning
AMR
Automatic meter reading
EEPROM
Electrically erasable programmable read only memory
GHz
Giga Hertz
GUI
Graphical user interface
LED
Light emitting diode
MCU
Microcontroller unit
P2P
Point-to-point communication
RF
Radio frequency communication
SPI
Serial peripheral interface
USB
Universal serial bus
wM-Bus
Wireless metering bus
WSN
Wireless sensors network


Similar Part No. - X-NUCLEO-IDS01A4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
   Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IDB05A1 STMICROELECTRONICS-X-NUCLEO-IDB05A1 Datasheet
560Kb / 7P
   Bluetooth Low Energy expansion board based on the SPBTLE- RF module for STM32 Nucleo
X-NUCLEO-IDB05A2 STMICROELECTRONICS-X-NUCLEO-IDB05A2 Datasheet
1Mb / 8P
   Bluetooth low energy expansion board based on the BLUENRG-M0 module for STM32 Nucleo
April 2020
X-NUCLEO-IDW01M1 STMICROELECTRONICS-X-NUCLEO-IDW01M1 Datasheet
848Kb / 8P
   Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
June 2016
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
   Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
May 2017
More results

Similar Description - X-NUCLEO-IDS01A4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1955 STMICROELECTRONICS-UM1955 Datasheet
874Kb / 28P
   Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
October 2015 Rev 1
UM1943 STMICROELECTRONICS-UM1943 Datasheet
1Mb / 28P
   Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
September 2015 Rev 1
UM1900 STMICROELECTRONICS-UM1900 Datasheet
1Mb / 19P
   Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
July 2016 Rev 3
UM1910 STMICROELECTRONICS-UM1910 Datasheet
1Mb / 12P
   Getting started with the high power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
July 2015 Rev 1
UM1975 STMICROELECTRONICS-UM1975 Datasheet
1Mb / 20P
   Getting started with X-NUCLEO-IDW01M1 Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
November 2015 Rev 1
UM1970 STMICROELECTRONICS-UM1970 Datasheet
1Mb / 19P
   Getting started with the X-NUCLEO-IHM09M1 motor control connector expansion board for STM32 Nucleo
October 2015 Rev 1
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
   Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
June 2017 Rev 1
UM2082 STMICROELECTRONICS-UM2082 Datasheet
665Kb / 14P
   Getting started with X-NUCLEO-IHM06A1 low voltage stepper motor driver expansion board based on STSPIN220 for STM32 Nucleo
July 2016 Rev 1
X-NUCLEO-S2868A2 STMICROELECTRONICS-X-NUCLEO-S2868A2 Datasheet
1Mb / 5P
   Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
December 2019
X-NUCLEO-S2915A1 STMICROELECTRONICS-X-NUCLEO-S2915A1 Datasheet
176Kb / 5P
   Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com