Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRL7 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SRL7
Description  Reinforced insulation between contact circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SRL7 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SRL7 Datasheet HTML 1Page - TE Connectivity Ltd SRL7 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SRL7
n
Low profile relay with force guided contacts
according to EN 50205
n
5 form A (NO) + 2 form B (NC) contacts
n
Reinforced insulation between contact circuits
Typical applications
Emergency stop or two hand guard safety relays, expansion I/O modules,
safety control circuits
Approvals
VDE Cert. No. 40036240, UL E214025, TÜV 968/EL908
Technical data of approved types on request
Contact Data
Contact arrangement
5 form A + 2 form B contacts,
(5 NO + 2 NC)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
6A
Sum of the squared currents
72A2
Contact material
Ag alloy
Contact style
single contact, force guided
type A according to EN 50205
Min. recommended contact load
5V/10mA
Initial contact resistance
≤100mΩ at 1A, 24VDC
≤20Ω at 10mA, 5VDC
Frequency of operation, with/without load
6/30min-1
Mechanical endurance
10x106 operations
Contact ratings
Contact
Load
Cycles
UL508
NO/NC
6A, 250VAC, general purpose, 85°C
6.000
IEC61810
NO/NC
6A, 250VAC, cosphi=1, 50% DF, 85°C
6.000
Coil Data
Coil voltage range
5 to 110VDC
Operative range, IEC 61810
2
Max. coil power
700mW
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
005
5
3,8
0,5
36
694
006
6
4,5
0,6
51
706
009
9
6,8
0,9
116
698
012
12
9
1,2
206
699
015
15
11,3
1,5
319
705
018
18
13,5
1,8
463
700
021
21
16
2,1
630
700
024
24
18
2,4
820
702
036
36
27
3,6
1850
701
048
48
36
4,8
3290
700
060
60
45
6
5140
700
110
110
83
11
17280
700
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Insulation Data
group A
group B
Initial dielectric strength
between open contacts
1000Vrms
1000Vrms
between contact and coil
4000Vrms
2500Vrms
between adjacent contacts
4000Vrms
2500Vrms
between group A and group B
4000Vrms
Clearance/creepage
between open contacts
microdisconnection
between contact and coil
≥5.5/5.5mm
≥3/4mm
between adjacent contacts
≥5.5/5.5mm
≥3/4mm
between group A and group B
≥5.5/5.5mm
Insulation to EN 50178, type of insulation
between contact and coil
reinforced
basic
between adjacent contacts
reinforced
basic
between group A and group B
reinforced
Other Data
Ambient temperature
-40 to 85°C
Category of environmental Protection
IEC 61 810
RTII
Packaging/unit
20 pcs. tray
100 pcs. box
SRL7
Z T


Similar Part No. - SRL7

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SRL SCHURTER-SRL Datasheet
309Kb / 3P
   LED Holder straight or angled with 3 mm and 5 mm LED
logo
IET Labs Inc.
SRL IET-SRL Datasheet
384Kb / 1P
   High-Accuracy, High-Stability Resistance Standards
Dec. 2022
logo
Lorlin Electronics Ltd.
SRL LORLIN-SRL Datasheet
744Kb / 2P
   SRL LOCK SWITCH
logo
MicroPower Direct, LLC
SRL-05A MPD-SRL-05A Datasheet
564Kb / 4P
   SRL-05A-XX SERIES
logo
Diodes Incorporated
SRL-3500 DIODES-SRL-3500 Datasheet
85Kb / 1P
   35 AMP SOFT RECOVERY FAST SWITCHING LEAD MOUNT BUTTON DIODES
More results

Similar Description - SRL7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB-RT1 TEC-PCB-RT1 Datasheet
567Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
430 TEC-430 Datasheet
473Kb / 3P
   4kV/8mm coil-contact, reinforced insulation
PCB-RZ TEC-PCB-RZ Datasheet
370Kb / 4P
   5kV/10mm coil-contact, reinforced insulation
RT2 TEC-RT2 Datasheet
542Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RZL TEC-RZL Datasheet
309Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
SR6-D TEC-SR6-D Datasheet
334Kb / 2P
   High insulation distances between electrical circuits
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com