Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2720SC-01 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # AN2720SC-01
Description  Single-Chip USB-to-USB Networking Solution
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

AN2720SC-01 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button AN2720SC-01 Datasheet HTML 7Page - Cypress Semiconductor AN2720SC-01 Datasheet HTML 8Page - Cypress Semiconductor AN2720SC-01 Datasheet HTML 9Page - Cypress Semiconductor AN2720SC-01 Datasheet HTML 10Page - Cypress Semiconductor AN2720SC-01 Datasheet HTML 11Page - Cypress Semiconductor AN2720SC-01 Datasheet HTML 12Page - Cypress Semiconductor AN2720SC-01 Datasheet HTML 13Page - Cypress Semiconductor AN2720SC-01 Datasheet HTML 14Page - Cypress Semiconductor AN2720SC-01 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AN2720 Data Sheet Version 1.0
06/07/00
Page 11
EZ-Link (AN2720SC)
OPERATING CONDITIONS
Ta (Ambient Temperature Under Bias) . . . . . . . . . . . . . . . . . 0 °C to +70 °C
5V Supply Voltage (VBUS) . . . . . . . . . . . . . . . . . . . . . . . . +4.4V to +5.25 V
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.0V to +3.6 V
Ground Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V
FOSC (Oscillator or Crystal Frequency). . .. . .. . . . . . . . .. .12 MHz +/- 0.25%
DC CHARACTERISTICS
Symbol Parameter
Condition
Min
Max
Unit
Notes
VCC
Supply Voltage
3.0
3.6
V
VIH
Input High Voltage
2
5.25
V
VIL
Input Low Voltage
-.5
.8
V
II
Input Leakage
Current
0< VIN < VCC
+ 10
µA
VOH
Output Voltage High IOUT = 1.6 ma
2.4
V
VOL
Output Low Voltage IOUT = -1.6 ma
.8
V
CIN
Input Pin
Capacitance
10
pF
ISUSP
Suspend Current
Using internal
regulator
250
µA
Add 220
µA for
1.5K
pullup
resistor.
ICC
Supply Current
Transferring data,
connected to USB
30
mA
IOUT
Regulator output
current
.200
50
mA
MAIN3
VOUT
Regulator output
voltage
3.3
5
V
Regulator
will supply
5V for less
than 200ms
at initial
startup.


Similar Part No. - AN2720SC-01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2722 STMICROELECTRONICS-AN2722 Datasheet
870Kb / 16P
   Demonstration board user guidelines for the
AN2725 STMICROELECTRONICS-AN2725 Datasheet
177Kb / 8P
   a brief description of the TS2012 device
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
   This application note describes
AN2728 STMICROELECTRONICS-AN2728 Datasheet
270Kb / 20P
   ST1S12 small synchronous buck converter
More results

Similar Description - AN2720SC-01

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM6327A CMEDIA-CM6327A Datasheet
587Kb / 25P
   USB Single-Chip Audio Solution for Mono Microphone
logo
Cypress Semiconductor
SL11RIDE CYPRESS-SL11RIDE Datasheet
316Kb / 27P
   USB to IDE/ATAPI Solution
logo
Silicon Laboratories
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2130 SILABS-CP2130 Datasheet
364Kb / 27P
   SINGLE-CHIP USB-TO-SPI BRIDGE
CP2102 SILABS-CP2102_V01 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
   SINGLE-CHIP USB TO UART BRIDGE
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
List of Unclassifed Man...
CP2130-F01-GM ETC2-CP2130-F01-GM Datasheet
364Kb / 27P
   SINGLE-CHIP USB-TO-SPI BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com