Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C64A-30F1TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # M27C64A-30F1TR
Description  64K (8K x 8) UV EPROM and OTP ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A-30F1TR Datasheet(HTML) 4 Page - STMicroelectronics

  M27C64A-30F1TR Datasheet HTML 1Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 2Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 3Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 4Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 5Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 6Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 7Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 8Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AI00826
2.4V
0.4V
2.0V
0.8V
Figure 3. AC Testing Input Output Waveforms
Input Rise and Fall Times
≤ 20ns
Input Pulse Voltages
0.4 to 2.4V
Input and Output Timing Ref. Voltages
0.8 to 2.0V
AC MEASUREMENT CONDITIONS
AI00828
1.3V
OUT
CL = 100pF
CL includes JIG capacitance
3.3k
1N914
DEVICE
UNDER
TEST
Figure 4. AC Testing Load Circuit
Note that Output Hi-Z is defined as the point where data
is no longer driven.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
6
pF
COUT
Output Capacitance
VOUT =0V
12
pF
Note: 1. Sampled only, not 100% tested.
Table 5. Capacitance (1) (TA =25
°C, f = 1 MHz )
AI00778
tAXQX
tEHQZ
DATA OUT
A0-A12
E
G
Q0-Q7
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
Figure 5. Read Mode AC Waveforms
4/11
M27C64A


Similar Part No. - M27C64A-30F1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C64A-30F1TR STMICROELECTRONICS-M27C64A-30F1TR Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
More results

Similar Description - M27C64A-30F1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com