Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMY213 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # CMY213
Description  GaAs MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CMY213 Datasheet(HTML) 8 Page - Infineon Technologies AG

  CMY213 Datasheet HTML 1Page - Infineon Technologies AG CMY213 Datasheet HTML 2Page - Infineon Technologies AG CMY213 Datasheet HTML 3Page - Infineon Technologies AG CMY213 Datasheet HTML 4Page - Infineon Technologies AG CMY213 Datasheet HTML 5Page - Infineon Technologies AG CMY213 Datasheet HTML 6Page - Infineon Technologies AG CMY213 Datasheet HTML 7Page - Infineon Technologies AG CMY213 Datasheet HTML 8Page - Infineon Technologies AG CMY213 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
GaAs Components
CMY 213
Data Sheet
8
2001-01-01
General Description and Notes for CMY 213
CMY 213 is a general purpose down-converter device designed for multiple applications
such as cellular and PCS mobile phones, ISM bands, GPS receivers, L-band satellite
terminals, WLAN and pagers. Due to its excellent intermodulation characteristics and its
high conversion gain, CMY 213 is particularly suited for CDMA receiver applications.
The device combines an ultra-linear mixer with LO - driver and a single stage IF-amplifier
in a very small SCT-598-8-1 package. The mixer section of CMY 213 combines low
conversion losses and excellent intermodulation characteristics with low requirements of
LO- and DC-power. The internal level controlled LO-Buffer enables a good performance
over a wide LO level range. The input and output matching of the IF amplifier can be
adapted externally within a frequency range from 45 to 250 MHz.


Similar Part No. - CMY213

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CMY213 TRIQUINT-CMY213 Datasheet
286Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY213 TRIQUINT-CMY213_15 Datasheet
286Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
More results

Similar Description - CMY213

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FMM5017VF FUJITSU-FMM5017VF Datasheet
91Kb / 4P
   GaAs MMIC
logo
TriQuint Semiconductor
CMH192 TRIQUINT-CMH192 Datasheet
270Kb / 11P
   GaAs MMIC
logo
Fujitsu Component Limit...
FMM5046VF FUJITSU-FMM5046VF Datasheet
112Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
   GaAs MMIC
03.00
CGY353 INFINEON-CGY353 Datasheet
126Kb / 6P
   GaAs MMIC
2001-01-01
logo
Siemens Semiconductor G...
CGY195 SIEMENS-CGY195 Datasheet
31Kb / 3P
   GaAs MMIC
logo
Eudyna Devices Inc
FMM1061VJ EUDYNA-FMM1061VJ Datasheet
107Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CMY211 INFINEON-CMY211 Datasheet
139Kb / 7P
   GaAs MMIC
2001-01-01
logo
Eudyna Devices Inc
FMM106HG EUDYNA-FMM106HG Datasheet
198Kb / 3P
   GaAs MMIC
FMM1062ML EUDYNA-FMM1062ML Datasheet
219Kb / 4P
   GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com