Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPP0805 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # ACPP0805
Description  Precision thin film technology
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

ACPP0805 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  ACPP0805 Datasheet HTML 1Page - Ohmite Mfg. Co. ACPP0805 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
The information contained herein does not form part of a
contract and is subject to change without notice. ARCOL
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask ARCOL.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
4/14.39
ACPP Precision Surface Mount
Passivated Resistors
Precision thin film technology
Extended ohmic range 10R – 1M5
Precision to ±0.1% and 15ppm/ºC
Passivated range for superior humidity performance
RoHS Compliant
Characteristics
Tolerance (Code):
Operating temperature:
Temperature coefficient:
Overload:
Thermal shock:
Endurance:
Humidity:
±0.1% (B), ± 0.25% (C), ± 0.5% (D)
-55°C to +155°C
±15ppm/°C, ±25ppm/°C, ±50ppm/°C
≤±0.2%, ≤±0.1% (ACPP0402), RCWV*2.5 or maximum overload voltage (whichever is lowest) for 2 seconds
≤±0.02%, ≤±0.1% (ACPP0402), -55ºC +150ºC 100 cycles
≤±0.05%, ≤±0.25% (ACPP0402), 70 ± 2ºC, RCWV for 1000 hours with 1.5 hours on and 0.5 hours off
≤±0.05%, ≤±0.5% (ACPP0402), 1000 hours at 40±2ºC, 90-95% R.H with 1.5 hours on and 0.5 hours off
Electrical Specifications
Type
Wattage
Maximum operating
voltage
Maximum overload
voltage
TCR ppm/°C
Ohmic value range
ACPP0402
0.0625
25V
50V
±15
49R9 - 12K
±25
24R9 - 24K9
ACPP0603
0.0625
50V
100V
±15
24R9 - 332K
±25
±50
ACPP0805
0.1
100V
200V
±15
10R - 1M
±25
±50
ACPP1206
0.125
150V
300V
±15
10R - 1M
±25
±50
ACPP2010
0.25
150V
300V
±15
24R9 - 1M
±25
10R - 1M5
±50
ACPP2512
0.5
150V
300V
±15
24R9 - 1M
±25
10R - 1M5
±50
www.arcolresistors.com
For more information and ordering, please consult


Similar Part No. - ACPP0805

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACPP0805 OHMITE-ACPP0805 Datasheet
718Kb / 2P
   Precision thin film technology
More results

Similar Description - ACPP0805

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PCF TTELEC-PCF Datasheet
813Kb / 6P
   precision thin film technology
logo
Ohmite Mfg. Co.
ACPP OHMITE-ACPP Datasheet
718Kb / 2P
   Precision thin film technology
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
04023J3R0ABWTR AVX-04023J3R0ABWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J6R8BBWTR AVX-04023J6R8BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023K200FBSTR AVX-04023K200FBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J1R6BBSTR AVX-04023J1R6BBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R6BBWTR AVX-04023J1R6BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R5BBWTR AVX-04023J2R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R9ABSTR AVX-04023J2R9ABSTR Datasheet
217Kb / 19P
   Thin-Film Technology
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com