Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS75 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # HS75
Description  Wound to maximise High Pulse Capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HS75 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  HS75 Datasheet HTML 1Page - Ohmite Mfg. Co. HS75 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
The information contained herein does not form part of a
contract and is subject to change without notice. ARCOL
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask ARCOL.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
12/14.08
HS Aluminium Housed Resistors
Manufactured in line with the requirements of MIL 18546 and
IEC 115, designed for direct heatsink mounting with thermal
compound to achieve maximum performance.
High Power to volume
Wound to maximise High Pulse Capability
Values from R005 to 100K
Custom designs welcome
RoHS Compliant
Characteristics
Tolerance (Code):
Tolerance for low Ω values:
Temperature coefficients:
Insulation resistance (Dry):
Power dissipation:
Ohmic values:
Low inductive (NHS):
NHS ohmic value:
NHS working volts:
Standard ±5% (J) and ±10% (K). Also available ±1% (F), ±2% (G) and ±3% (H)
Typically ≥ R05 ±5% ≤ R047 ±10%
Typical values < 1K 100ppm Std. > 1K 25ppm Std. For lower TCR’s please contact Arcol
10,000 MΩ minimum
At high ambient temperature dissipation derates linearly to zero at 200°C
From R005 to 100K depending on wattage size
Specify by adding N before HS Series code, e.g. NHS50
Divide standard HS maximum value by 4
Divide standard HS maximum working voltage by 1.414
Ordering Procedure
Standard Resistor. To specify standard: Series, Watts, Ohmic
Value, Tolerance Code, e.g.: HS25 2R2 J
Non Inductive Resistor. To specify add N, e.g.: NHS100 10R J
Heat Dissipation
Heat dissipation: Whilst the use of proprietary heat sinks
with lower thermal resistances is acceptable, uprating is not
recommended. For maximum heat transfer it is recommended
that a heat sink compound be applied between the resistor
base and heat sink chassis mounting surface. It is essential that
the maximum hot spot temperature of 200°C is not exceeded,
therefore, the resistor must be mounted on a heat sink of
correct thermal resistance for the power being dissipated.
Temp. Rise & Power Dissipation
Surface temperature of resistor related to power dissipation.
The resistor is standard heatsink mounted using a proprietary
heatsink compound.
HS300
HS250
HS200
HS150
HS50
HS75
HS25
HS15
HS10
HS100
0
20
50
75 100
150
200
250
300
POWER DISSIPATION (WATTS)
200
100
5
www.arcolresistors.com
For more information and ordering, please consult


Similar Part No. - HS75

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HS75 OHMITE-HS75 Datasheet
352Kb / 2P
   HS Aluminium Housed Resistors
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
   Double-Buffered 12-Bit Multiplying DAC
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
More results

Similar Description - HS75

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-IS OHMITE-RES-IS Datasheet
398Kb / 2P
   Pulse handling capability
RWS OHMITE-RWS Datasheet
307Kb / 2P
   High overload capability for surge and pulse applications
logo
saftbatteries
LO29SHX SAFT-LO29SHX Datasheet
462Kb / 2P
   3.0 V Primary lithium - sulfur dioxide Very high drain and pulse capability
LO30SHX SAFT-LO30SHX Datasheet
505Kb / 2P
   3.0 V Primary lithium - sulfur dioxide Very high drain and pulse capability
logo
Bruckewell Technology L...
3.0SMCJ_5.0_220A BWTECH-3.0SMCJ_5.0_220A Datasheet
595Kb / 7P
   3000W peak pulse power capability with a 10/1000us waveform
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Central Semiconductor C...
CDM7-600LR CENTRAL-CDM7-600LR Datasheet
1Mb / 4P
   High voltage capability
CDM22011-600LRFP CENTRAL-CDM22011-600LRFP Datasheet
985Kb / 4P
   High voltage capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com