Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA04N80C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPA04N80C3
Description  CoolMOSTM Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA04N80C3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPA04N80C3 Datasheet HTML 1Page - Infineon Technologies AG SPA04N80C3 Datasheet HTML 2Page - Infineon Technologies AG SPA04N80C3 Datasheet HTML 3Page - Infineon Technologies AG SPA04N80C3 Datasheet HTML 4Page - Infineon Technologies AG SPA04N80C3 Datasheet HTML 5Page - Infineon Technologies AG SPA04N80C3 Datasheet HTML 6Page - Infineon Technologies AG SPA04N80C3 Datasheet HTML 7Page - Infineon Technologies AG SPA04N80C3 Datasheet HTML 8Page - Infineon Technologies AG SPA04N80C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPA04N80C3
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
570
-
pF
Output capacitance
C oss
-
25
-
Effective output capacitance, energy
related
6)
C o(er)
-
19
-
Effective output capacitance, time
related
7)
C o(tr)
-
51
-
Turn-on delay time
t d(on)
-
25
-
ns
Rise time
t r
-
15
-
Turn-off delay time
t d(off)
-
72
-
Fall time
t f
-
12
-
Gate Charge Characteristics
Gate to source charge
Q gs
-
3
-
nC
Gate to drain charge
Q gd
-
12
-
Gate charge total
Q g
-
23
31
Gate plateau voltage
V plateau
-
5.5
-
V
Reverse Diode
Diode forward voltage
V SD
V GS=0 V, I F=I S=4 A,
T j=25 °C
-
1
1.2
V
Reverse recovery time
t rr
-
520
-
ns
Reverse recovery charge
Q rr
-
4
-
µC
Peak reverse recovery current
I rrm
-
12
-
A
6) C
o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS.
7) C
o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
V R=400 V, I F=I S=4 A,
di F/dt =100 A/µs
Values
V GS=0 V, V DS=100 V,
f =1 MHz
V DD=400 V,
V GS=0/10 V, I D=4 A,
R G=22 ? , T j=25 °C
V DD=640 V, I D=4 A,
V GS=0 to 10 V
V GS=0 V, V DS=0 V
to 480 V
2) Limited only by maximum temperature
3) Pulse width t
p limited by T j,max
1) J-STD20 and JESD22
5) I
SD=ID, di/dt=400A/µs, VDClink = 400V, Vpeak<V(BR)DSS, Tj<Tjmax , identical low side and high side switch
4) Repetitive avalanche causes additional power losses that can be calculated as P
AV=E AR*f.
Rev. 2.9
1
page 3
20
11-09-28


Similar Part No. - SPA04N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA04N80C3 INFINEON-SPA04N80C3 Datasheet
250Kb / 12P
   Cool MOS??Power Transistor
2003-07-02
SPA04N80C3 INFINEON-SPA04N80C3 Datasheet
375Kb / 10P
   Cool MOSTM Power Transistor
Rev. 2.9 2008-10-15
logo
Inchange Semiconductor ...
SPA04N80C3 ISC-SPA04N80C3 Datasheet
189Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPA04N80C3 INFINEON-SPA04N80C3_08 Datasheet
375Kb / 10P
   Cool MOSTM Power Transistor
Rev. 2.9 2008-10-15
More results

Similar Description - SPA04N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI60R125CP INFINEON-IPI60R125CP Datasheet
274Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-20
IPP60R250CP INFINEON-IPP60R250CP Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2008-07-11
SPD06N60C3 INFINEON-SPD06N60C3_08 Datasheet
642Kb / 11P
   CoolMOSTM Power Transistor
Rev. 1.5 2008-04-11
SPA06N60C3 INFINEON-SPA06N60C3_10 Datasheet
227Kb / 11P
   CoolMOSTM Power Transistor
Rev. 1.3 2010-12-21
IPD80R2K7C3A INFINEON-IPD80R2K7C3A Datasheet
516Kb / 10P
   CoolMOSTM Power Transistor
Final Data Sheet, Rev. 1.1 2013-11-21
SPP11N80C3 INFINEON-SPP11N80C3_11 Datasheet
490Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
SPD06N80C3 INFINEON-SPD06N80C3_13 Datasheet
631Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
SPD02N80C3 INFINEON-SPD02N80C3_13 Datasheet
381Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-28
IPP50R350CP INFINEON-IPP50R350CP_12 Datasheet
781Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.1 2012-05-08
IPW50R140CP INFINEON-IPW50R140CP Datasheet
361Kb / 10P
   CoolMOSTM Power Transistor
Rev. 1.01 2007-02-06
IPD50R399CP INFINEON-IPD50R399CP Datasheet
311Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com