Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN7002W Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SN7002W
Description  SIPMOS횘 Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SN7002W Datasheet(HTML) 2 Page - Infineon Technologies AG

  SN7002W Datasheet HTML 1Page - Infineon Technologies AG SN7002W Datasheet HTML 2Page - Infineon Technologies AG SN7002W Datasheet HTML 3Page - Infineon Technologies AG SN7002W Datasheet HTML 4Page - Infineon Technologies AG SN7002W Datasheet HTML 5Page - Infineon Technologies AG SN7002W Datasheet HTML 6Page - Infineon Technologies AG SN7002W Datasheet HTML 7Page - Infineon Technologies AG SN7002W Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2011-07-13
Rev. 2.5
Page 2
SN7002W
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - ambient
at minimal footprint
RthJS
-
-
250
K/W
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
VGS=0, ID=250µA
V(BR)DSS
60
-
-
V
Gate threshold voltage, VGS = VDS
ID=26µA
VGS(th)
0.8
1.4
1.8
Zero gate voltage drain current
VDS=60V, VGS=0, Tj=25°C
VDS=60V, VGS=0, Tj=150°C
IDSS
-
-
-
-
0.1
5
µA
Gate-source leakage current
VGS=20V, VDS=0
IGSS
-
-
10
nA
Drain-source on-state resistance
VGS=4.5V, ID=0.2A
RDS(on)
-
4.1
7.5
Drain-source on-state resistance
VGS=10V, ID=0.23A
RDS(on)
-
2.3
5


Similar Part No. - SN7002W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SN7002W INFINEON-SN7002W Datasheet
113Kb / 8P
   SIPMOS Small-Signal-Transistor
2003-04-03
SN7002W INFINEON-SN7002W Datasheet
1Mb / 8P
   SIPMOS횘 Small-Signal-Transistor Feature N-Channel Enhancement mode
Rev. 2.4 2009-08-19
logo
VBsemi Electronics Co.,...
SN7002W VBSEMI-SN7002W Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Shanghai Leiditech Elec...
SN7002W LEIDITECH-SN7002W Datasheet
1Mb / 6P
   We declare that the material of product compliance with RoHS requirements and Halogen Free.
Rev : 01.06.2015
logo
Infineon Technologies A...
SN7002W INFINEON-SN7002W_09 Datasheet
1Mb / 8P
   SIPMOS횘 Small-Signal-Transistor Feature N-Channel Enhancement mode
Rev. 2.4 2009-08-19
More results

Similar Description - SN7002W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSO612CV INFINEON-BSO612CV_12 Datasheet
392Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSP315P-E6327 INFINEON-BSP315P-E6327 Datasheet
543Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.1.7 2012-11-26
BSP613P INFINEON-BSP613P_16 Datasheet
387Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.2.8 2016-05-30
SN7002N INFINEON-SN7002N_11 Datasheet
333Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.6 2011-07-11
SN7002W INFINEON-SN7002W_09 Datasheet
1Mb / 8P
   SIPMOS횘 Small-Signal-Transistor Feature N-Channel Enhancement mode
Rev. 2.4 2009-08-19
SPB80P06PG INFINEON-SPB80P06PG_11 Datasheet
613Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-09-01
SPP80P06PH INFINEON-SPP80P06PH Datasheet
612Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.5 2011-09-01
SPP08P06PH INFINEON-SPP08P06PH Datasheet
484Kb / 10P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-08-31
SPD30N03 INFINEON-SPD30N03 Datasheet
111Kb / 8P
   SIPMOS횘 Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com