Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74125N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74125N
Description  Quad TRI-STATE Buffers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74125N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM74125N Datasheet HTML 1Page - National Semiconductor (TI) DM74125N Datasheet HTML 2Page - National Semiconductor (TI) DM74125N Datasheet HTML 3Page - National Semiconductor (TI) DM74125N Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
DM54 and 54
b
55 Cto a125 C
DM74
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54125
DM74125
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
2
b
52
mA
IOL
Low Level Output Current
16
16
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
24
33
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
02
04
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
40
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
16
mA
IIZL
Off-State Input Current
VCC e Max VI e 04V
with Low Level Input
b
40
m
A
Voltage Applied
IOZH
Off-State Output Current
VCC e Max VO e 24V
with High Level Output
VIH e Min VIL e Max
40
m
A
Voltage Applied
IOZL
Off-State Output Current
VCC e Max VO e 04V
with Low Level Output
VIH e Min VIL e Max
b
40
m
A
Voltage Applied
IOS
Short Circuit
VCC e Max
DM54
b
30
b
70
mA
Output Current
(Note 2)
DM74
b
28
b
70
ICC
Supply Current
VCC e Max (Note 3)
36
54
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
Note 3
ICC is measured with the output control (C) inputs at 45V the data inputs grounded and the outputs open
2


Similar Part No. - DM74125N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
   One-Shot with Clear and Complementary Outputs
DM74121 FAIRCHILD-DM74121 Datasheet
71Kb / 5P
   One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74121 NSC-DM74121 Datasheet
128Kb / 6P
   One-Shot with Clear and Complementary Outputs
DM74121N NSC-DM74121N Datasheet
128Kb / 6P
   One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121N FAIRCHILD-DM74121N Datasheet
69Kb / 5P
   One-Shot with Clear and Complementary Outputs
More results

Similar Description - DM74125N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS125 NSC-54LS125 Datasheet
122Kb / 6P
   Quad TRI-STATE Buffers
54LS126 NSC-54LS126 Datasheet
74Kb / 3P
   QUAD TRI-STATE BUFFERS
logo
List of Unclassifed Man...
DM80L98 ETC1-DM80L98 Datasheet
90Kb / 2P
   TRI-STATE Hex Buffers
logo
National Semiconductor ...
54LS365A NSC-54LS365A Datasheet
131Kb / 6P
   Hex TRI-STATE Buffers
54LS367A NSC-54LS367A Datasheet
137Kb / 6P
   Hex TRI-STATE Buffers
DM54367 NSC-DM54367 Datasheet
94Kb / 4P
   Hex TRI-STATE Buffers
logo
List of Unclassifed Man...
DM8094 ETC1-DM8094 Datasheet
70Kb / 2P
   TRI-STATE Hex Buffers
logo
Motorola, Inc
SN74LS796N MOTOROLA-SN74LS796N Datasheet
169Kb / 5P
   TRI-STATE OCTAL BUFFERS
SN54LS795 MOTOROLA-SN54LS795 Datasheet
169Kb / 5P
   TRI-STATE OCTAL BUFFERS
logo
National Semiconductor ...
54LS368A NSC-54LS368A Datasheet
137Kb / 6P
   Hex TRI-STATE Inverting Buffers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com