Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C1026-20 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C1026-20
Description  5V/3.3V 64Kx6 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1026-20 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS7C1026-20 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
®
8
ALLIANCE SEMICONDUCTOR
DID 11-20011-A. 5/22/00
AS7C1026
AS7C31026
Package dimensions
44-pin TSOP II
Min
(mm)
Max
(mm)
A1.2
A1
0.05
A2
0.95
1.05
b
0.30
0.45
c
0.127 (typical)
D
18.28
18.54
E
10.03
10.29
He
11.56
11.96
e
0.80 (typical)
l
0.40
0.60
D
He
1 2 3 4 5 6 7 8 9 10 11121314
44434241403938 373635 343332 31
1516
3029
1718 1920
2827 2625
c
l
A1
A2
e
44-pin TSOP II
0–5
°
21
24
22
23
E
A
b
Seating
Plane
44-pin SOJ
44-pin SOJ
400 mL
Min
Max
A
0.128
0.148
A1
0.025
A2
1.105
1.115
B
0.026
0.032
b
0.015
0.020
c
0.007
0.013
D
1.120
1.130
E
0.370 NOM
E1
0.395
0.405
E2
0.435
0.445
e
0.050 NOM
e
Pin 1
A1
b
B
A
A2
E2
E1
E2
D
c


Similar Part No. - AS7C1026-20

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026-20 ALSC-AS7C1026-20 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C1026-20BC ALSC-AS7C1026-20BC Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C1026-20BI ALSC-AS7C1026-20BI Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C1026-20JC ALSC-AS7C1026-20JC Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C1026-20JI ALSC-AS7C1026-20JI Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
More results

Similar Description - AS7C1026-20

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
Golledge Electronics Lt...
GXO-U108 GOLLEDGE-GXO-U108_16 Datasheet
178Kb / 2P
   3.3V & 5V CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com